Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6V16UT-ELTY Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP6V16UT-ELTY
Description  7.5 關A, 80 kHz Zero-Drift Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V16UT-ELTY Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP6V16UT-ELTY Datasheet HTML 5Page - Microchip Technology MCP6V16UT-ELTY Datasheet HTML 6Page - Microchip Technology MCP6V16UT-ELTY Datasheet HTML 7Page - Microchip Technology MCP6V16UT-ELTY Datasheet HTML 8Page - Microchip Technology MCP6V16UT-ELTY Datasheet HTML 9Page - Microchip Technology MCP6V16UT-ELTY Datasheet HTML 10Page - Microchip Technology MCP6V16UT-ELTY Datasheet HTML 11Page - Microchip Technology MCP6V16UT-ELTY Datasheet HTML 12Page - Microchip Technology MCP6V16UT-ELTY Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
 2019 Microchip Technology Inc.
DS20006204A-page 9
MCP6V16/6U/7/9
Note: Unless otherwise indicated, TA =+25°C, VDD = +1.6V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =100 kΩ to VL and CL = 20 pF.
FIGURE 2-13:
Input Bias and Offset
Currents vs. Ambient Temperature with
VDD = +5.5V.
FIGURE 2-14:
Input Bias Current vs. Input
Voltage (below VSS).
10000
V
DD = 5.5V
10n
1000
1n
100
100
100
I
OS
100p
10
I
B
10p
1
1p
25
35
45
55
65
75
85
95 105 115 125
Ambient Temperature (°C)
1p
1.E-03
1.E-02
10m
1m
1.E-04
1.E 03
1m
100µ
1.E-06
1.E-05
10µ
1µ
1E-08
1.E-07
+125°C
+85°C
100n
10n
1.E-09
1.E-08
+85 C
+25°C
-40°C
10n
1n
1.E-11
1.E-10
100p
10p
-1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0
Input Voltage (V)
p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com