Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6V51-E/MS Datasheet(PDF) 40 Page - Microchip Technology

Part # MCP6V51-E/MS
Description  45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V51-E/MS Datasheet(HTML) 40 Page - Microchip Technology

Back Button MCP6V51-E/MS Datasheet HTML 35Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 36Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 37Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 38Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 39Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 40Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 41Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 42Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 43Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
 2018 Microchip Technology Inc.
DS20006136A-page 40
MCP6V51
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
MCP6V51: 45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
Tape and Reel
Option:
Blank = Standard packaging (tube or tray)
T
= Tape and Reel(1)
Temperature
Range:
E= -40
C to +125C
(Extended)
Package:
OT
=
5-Lead Plastic Small Outline Transistor (SOT-23)
MS
=
8-Lead Plastic Micro Small Outline Package
(MSOP)
Examples:
a)
MCP6V51T-E/OT:
5-Lead SOT-23 package,
Tape and Reel
b)
MCP6V51-E/MS:
8-Lead MSOP package
c)
MCP6V51T-E/MS:
8-Lead MSOP package,
Tape and Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and is
not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
[X](1)
Tape and Reel
Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com