Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6V16UT-EST Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP6V16UT-EST
Description  7.5 關A, 80 kHz Zero-Drift Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V16UT-EST Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP6V16UT-EST Datasheet HTML 25Page - Microchip Technology MCP6V16UT-EST Datasheet HTML 26Page - Microchip Technology MCP6V16UT-EST Datasheet HTML 27Page - Microchip Technology MCP6V16UT-EST Datasheet HTML 28Page - Microchip Technology MCP6V16UT-EST Datasheet HTML 29Page - Microchip Technology MCP6V16UT-EST Datasheet HTML 30Page - Microchip Technology MCP6V16UT-EST Datasheet HTML 31Page - Microchip Technology MCP6V16UT-EST Datasheet HTML 32Page - Microchip Technology MCP6V16UT-EST Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
 2019 Microchip Technology Inc.
DS20006204A-page 29
MCP6V16/6U/7/9
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
5-Lead SC70 (MCP6V16U)
Example
:
Device
Code
MCP6V16UT-E/LTY
FRNN
Note:
Applies to 5-Lead SC-70.
5-Lead SOT-23 (MCP6V16/6U)
Example
:
Device
Code
MCP6V16T-E/OT
RBDD
WWNNN
MCP6V16UT-E/OT
RBDE
WWNNN
Note:
Applies to 5-Lead SOT-23.
8-Lead MSOP (3x3 mm) (MCP6V17)
Example
6V17E
919256
RBDD
19256
FR25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com