Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47DA1 Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP47DA1
Description  6-Bit Volatile DAC with Command Code
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47DA1 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP47DA1 Datasheet HTML 25Page - Microchip Technology MCP47DA1 Datasheet HTML 26Page - Microchip Technology MCP47DA1 Datasheet HTML 27Page - Microchip Technology MCP47DA1 Datasheet HTML 28Page - Microchip Technology MCP47DA1 Datasheet HTML 29Page - Microchip Technology MCP47DA1 Datasheet HTML 30Page - Microchip Technology MCP47DA1 Datasheet HTML 31Page - Microchip Technology MCP47DA1 Datasheet HTML 32Page - Microchip Technology MCP47DA1 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 70 page
background image
 2012 Microchip Technology Inc.
DS25154A-page 29
MCP47A1
5.0
SERIAL INTERFACE -
I2C MODULE
A 2-wire I2C serial protocol is used to write or read the
DAC’s wiper register. The I2C protocol utilizes the SCL
input pin and SDA input/output pin.
The I2C serial interface supports the following features:
• Slave mode of operation
• 7-bit addressing
• The following clock rate modes are supported:
- Standard mode, bit rates up to 100 kb/s
- Fast mode, bit rates up to 400 kb/s
• Support Multi-Master Applications
The serial clock is generated by the Master.
The I2C Module is compatible with the NXP I2C
specification (# UM10204). Only the field types, field
lengths, timings, etc. of a frame are defined. The frame
content defines the behavior of the device. The frame
content for the MCP47A1 device is defined in this sec-
tion of the data sheet.
Figure 5-1 shows a typical I2C bus configuration.
FIGURE 5-1:
Typical Application I2C Bus
Configurations.
Refer to
Section 2.0 “Typical Performance Curves”,
AC/DC Electrical Characteristics table for detailed input
threshold and timing specifications.
5.1
I2C I/O Considerations
I2C specifications require active low, passive high
functionality on devices interfacing to the bus. Since
devices may be operating on separate power supply
sources, ESD clamping diodes are not permitted. The
specification recommends using open drain transistors
tied to VSS (common) with a pull-up resistor. The
specification makes some general recommendations
on the size of this pull-up, but does not specify the
exact value since bus speeds and bus capacitance
impacts
the
pull-up
value
for
optimum
system
performance.
Common pull-up values range from 1 k
 to a maximum
of ~10 k
. Power sensitive applications tend to choose
higher values to minimize current losses during
communication but these applications also typically
utilize lower VDD.
The SDA and SCL float (are not driving) when the
device is powered down.
A "glitch" filter is on the SCL and SDA pins when the pin
is an input. When these pins are an output, there is a
slew rate control of the pin that is independent of device
frequency.
5.1.1
SLOPE CONTROL
The device implements slope control on the SDA
output. The slope control is defined by the fast mode
specifications.
For Fast (FS) mode, the device has spike suppression
and Schmidt trigger inputs on the SDA and SCL pins.
Single I2C Bus Configuration
Host
Controller
Device 1
Device 3
Device n
Device 2
Device 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com