Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4726 Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP4726
Description  6-Bit Volatile DAC with Command Code
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4726 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP4726 Datasheet HTML 29Page - Microchip Technology MCP4726 Datasheet HTML 30Page - Microchip Technology MCP4726 Datasheet HTML 31Page - Microchip Technology MCP4726 Datasheet HTML 32Page - Microchip Technology MCP4726 Datasheet HTML 33Page - Microchip Technology MCP4726 Datasheet HTML 34Page - Microchip Technology MCP4726 Datasheet HTML 35Page - Microchip Technology MCP4726 Datasheet HTML 36Page - Microchip Technology MCP4726 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
 2012 Microchip Technology Inc.
DS25154A-page 33
MCP47A1
5.3
Serial Commands
The MCP47A1 devices support two serial commands.
These commands are:
•
Write Operation
•
Read Operations
The I2C command formats have been defined to
support the SMBus version 2.0 Write Byte/Word
Protocol formats
and
Read
Byte/Word Protocol
formats. The SMBus specification that defines this
operation is Section 5 of the Version 2.0 document
(August 3, 2000).
This protocol format may be convenient for customers
using library routines for the I2C bus, where all they
need to do is specify the command (read, write, ...) with
the Device Address, the Register Address, and the
Data.
5.3.1
WRITE OPERATION
The write operation requires the START condition,
Control
Byte,
Acknowledge,
Command
Code,
Acknowledge, Data Byte, Acknowledge and STOP (or
RESTART) condition. The Control (Slave Address)
Byte requires the R/W bit equal to a logic zero (R/W =
“0”
) to generate a write sequence. The MCP47A1 is
responsible for generating the Acknowledge (A) bits.
Data is written to the MCP47A1 after every byte
transfer (during the A bit). If a STOP or RESTART
condition is generated during a data transfer (before
the A bit), the data will not be written to MCP47A1.
Data bytes may be written after each Acknowledge.
The command is terminated once a Stop (P) condition
occurs. Refer to Figure 5-11 for the single byte write
sequence and Figure 5-12 for the generic (multi-byte)
write sequence. For a single byte write, the master
sends a STOP or RESTART condition after the 1st data
byte is sent.
The MSb of each Data Byte is a don’t care, since the
wiper register is only 7-bits wide.
The command is terminated once a Stop (P) or Restart
(S) condition occurs.
Figure 5-13 shows the I2C write communication
behavior of the Master Device and the MCP47A1
device and the resultant I2C bus values.
5.3.2
READ OPERATIONS
The read operation requires the START condition,
Control
Byte,
Acknowledge,
Command
Code,
Acknowledge,
Restart
Condition,
Control
Byte,
Acknowledge, Data Byte, the master generating the
A and STOP (or RESTART) condition. The first Control
Byte requires the R/W bit equal to a logic zero (R/W =
“0”
) to write the Command Code, while the second
Control Byte requires the R/W bit equal to a logic one
(R/W = “1”) to generate a read sequence. The
MCP47A1 will A the Slave Address Byte and A all the
Data Bytes. The I2C Master will A the Slave Address
Byte and the last Data Byte. If there are multiple Data
Bytes, the I2C Master will A all Data Bytes except the
last Data Byte (which it will A).
The MCP47A1 maintains control of the SDA signal until
all data bits have been clocked out.
The command is terminated once a Stop (P) or Restart
(S) condition occurs. Refer to Figure 5-14 for the read
command sequence. For a single read, the master
sends a STOP or RESTART condition after the 1st data
byte (and A bit) is sent from the slave.
The MSb of each Data Byte is always a “0”, since the
wiper register is only 7-bits wide.
Figure 5-15 shows the I2C read communication
behavior of the Master Device and the MCP47A1
device and the resultant I2C bus values.
Note:
A command code with a non-zero value
will cause the data not to be written to the
wiper register
Note:
A command code with a non-zero value
will cause the data not to be read from the
wiper register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com