Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47FVBXX Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP47FVBXX
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVBXX Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP47FVBXX Datasheet HTML 16Page - Microchip Technology MCP47FVBXX Datasheet HTML 17Page - Microchip Technology MCP47FVBXX Datasheet HTML 18Page - Microchip Technology MCP47FVBXX Datasheet HTML 19Page - Microchip Technology MCP47FVBXX Datasheet HTML 20Page - Microchip Technology MCP47FVBXX Datasheet HTML 21Page - Microchip Technology MCP47FVBXX Datasheet HTML 22Page - Microchip Technology MCP47FVBXX Datasheet HTML 23Page - Microchip Technology MCP47FVBXX Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 92 page
background image
MCP47FVBXX
DS20005405A-page 20
 2015 Microchip Technology Inc.
TABLE 1-3:
I2C BUS START/STOP BITS AND LAT REQUIREMENTS
I2C™ AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40
C  TA  +125C (Extended)
Operating Voltage range is described in DC Characteristics
Param.
No.
Symbol
Characteristic
Min.
Max.
Units
Conditions
FSCL
Standard Mode
0
100
kHz
Cb = 400 pF, 1.8V - 5.5V(2)
Fast Mode
0
400
kHz
Cb = 400 pF, 2.7V - 5.5V
High-Speed 1.7
0
1.7
MHz Cb = 400 pF, 4.5V - 5.5V
High-Speed 3.4
0
3.4
MHz Cb = 100 pF, 4.5V - 5.5V
D102
Cb
Bus Capacitive
Loading
100 kHz mode
—
400
pF
400 kHz mode
—
400
pF
1.7 MHz mode
—
400
pF
3.4 MHz mode
—
100
pF
90
TSU:STA Start Condition
Setup Time
(Only relevant for
repeated Start
condition)
100 kHz mode
4700
—
ns
Note 2
400 kHz mode
600
—
ns
1.7 MHz mode
160
—
ns
3.4 MHz mode
160
—
ns
91
THD:STA Start Condition
Hold time
(After this period the
first clock pulse is
generated)
100 kHz mode
4000
—
ns
Note 2
400 kHz mode
600
—
ns
1.7 MHz mode
160
—
ns
3.4 MHz mode
160
—
ns
92
TSU:STO Stop Condition
Setup Time
100 kHz mode
4000
—
ns
Note 2
400 kHz mode
600
—
ns
1.7 MHz mode
160
—
ns
3.4 MHz mode
160
—
ns
93
THD:STO Stop Condition
Hold Time
100 kHz mode
4000
—
ns
Note 2
400 kHz mode
600
—
ns
1.7 MHz mode
160
—
ns
3.4 MHz mode
160
—
ns
94
TLATSU
LAT
↑ to SCL↑ (write data ACK bit)
Setup Time
10
—
ns
Write Data delayed(3)
95
TLATHD
SCL
↑ to LAT↑ (write data ACK bit)
Hold Time
250
—
ns
Write Data delayed(3)
96
TLAT
LAT High or Low Time
50
—
ns
97
THVCSU HVC High to SCL High
(of Start condition) – Setup Time
25
—
µs
High-Voltage Commands
98
THVCHD SCL Low (of Stop condition) to
HVC Low – Hold Time
25
—
µs
High-Voltage Commands
Note 2
Not Tested. This parameter ensured by characterization.
Note 3
The transition of the LAT signal between 10 ns before the rising edge (Spec 94) and 250 ns after the rising
edge (Spec 95) of the SCL signal is indeterminate whether the change in VOUT is delayed or not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com