Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6V19-EST Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6V19-EST
Description  7.5 關A, 80 kHz Zero-Drift Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V19-EST Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6V19-EST Datasheet HTML 7Page - Microchip Technology MCP6V19-EST Datasheet HTML 8Page - Microchip Technology MCP6V19-EST Datasheet HTML 9Page - Microchip Technology MCP6V19-EST Datasheet HTML 10Page - Microchip Technology MCP6V19-EST Datasheet HTML 11Page - Microchip Technology MCP6V19-EST Datasheet HTML 12Page - Microchip Technology MCP6V19-EST Datasheet HTML 13Page - Microchip Technology MCP6V19-EST Datasheet HTML 14Page - Microchip Technology MCP6V19-EST Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
 2019 Microchip Technology Inc.
DS20006204A-page 11
MCP6V16/6U/7/9
Note: Unless otherwise indicated, TA =+25°C, VDD = +1.6V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =100 kΩ to VL and CL = 20 pF.
2.3
Frequency Response
FIGURE 2-21:
CMRR and PSRR vs.
Frequency.
FIGURE 2-22:
Open-Loop Gain vs.
Frequency with VDD =1.6V.
FIGURE 2-23:
Open-Loop Gain vs.
Frequency with VDD =5.5V.
FIGURE 2-24:
Gain Bandwidth Product
and Phase Margin vs. Ambient Temperature.
FIGURE 2-25:
Gain Bandwidth Product
and Phase Margin vs. Common-Mode Input
Voltage.
FIGURE 2-26:
Gain Bandwidth Product
and Phase Margin vs. Output Voltage.
40
50
60
70
80
90
100
CMRR
0
10
20
30
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
Frequency (Hz)
PSRR
10
10k
100
100k
1k
180
-150
-120
-90
-60
-30
0
10
20
30
40
50
60
70
A
OL
V
DD = 1.6V
C
L = 20 pF
-270
-240
-210
-180
-20
-10
0
10
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
Frequency (Hz)
100
100k
1k
1M
10k
| A
OL |
180
-150
-120
-90
-60
-30
0
10
20
30
40
50
60
70
A
OL
V
DD = 5.5V
C
L = 20 pF
-270
-240
-210
-180
-20
-10
0
10
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
Frequency (Hz)
100
100k
1k
1M
10k
| A
OL |
60
70
80
90
100
60
80
100
120
140
V
DD = 5.5V
PM
30
40
50
0
20
40
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
GBWP
V
DD = 1.6V
60
70
80
90
100
60
80
100
120
140
V
DD = 5.5V
PM
GBWP
R
F = 1 M
30
40
50
0
20
40
Common Mode Input Voltage (V)
V
DD = 1.6V
60
70
80
90
100
60
80
100
120
140
V
DD = 5.5V
PM
GBWP
30
40
50
0
20
40
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Output Voltage (V)
V
DD = 1.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com