Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47FVB0X Datasheet(PDF) 79 Page - Microchip Technology

Part # MCP47FVB0X
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB0X Datasheet(HTML) 79 Page - Microchip Technology

Back Button MCP47FVB0X Datasheet HTML 75Page - Microchip Technology MCP47FVB0X Datasheet HTML 76Page - Microchip Technology MCP47FVB0X Datasheet HTML 77Page - Microchip Technology MCP47FVB0X Datasheet HTML 78Page - Microchip Technology MCP47FVB0X Datasheet HTML 79Page - Microchip Technology MCP47FVB0X Datasheet HTML 80Page - Microchip Technology MCP47FVB0X Datasheet HTML 81Page - Microchip Technology MCP47FVB0X Datasheet HTML 82Page - Microchip Technology MCP47FVB0X Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 92 page
background image
 2015 Microchip Technology Inc.
DS20005405A-page 79
MCP47FVBXX
B.2
Signal Descriptions
The I2C interface uses two pins (signals). These are:
• SDA (Serial Data)
• SCL (Serial Clock)
B.2.1
SERIAL DATA (SDA)
The Serial Data (SDA) signal is the data signal of the
device. The value on this pin is latched on the rising
edge of the SCL signal when the signal is an input.
With the exception of the Start (Restart) and Stop con-
ditions, the high or low state of the SDA pin can only
change when the clock signal on the SCL pin is low.
During the high period of the clock, the SDA pin’s value
(high or low) must be stable. Changes in the SDA pin’s
value while the SCL pin is high will be interpreted as a
Start or a Stop condition.
B.2.2
SERIAL CLOCK (SCL)
The Serial Clock (SCL) signal is the clock signal of the
device. The rising edge of the SCL signal latches the
value on the SDA pin.
Depending on the clock rate mode, the interface will
display different characteristics.
B.3
I2C Operation
B.3.1
I2C BIT STATES AND SEQUENCE
Figure B-8 shows the I2C transfer sequence, while
Figure B-7 shows the bit definitions. The serial clock is
generated by the master. The following definitions are
used for the bit states:
• Start Bit (S)
• Data Bit
• Acknowledge (A) Bit (driven low) /
No Acknowledge (A) bit (not driven low)
• Repeated Start Bit (Sr)
• Stop Bit (P)
B.3.1.1
Start Bit
The Start bit (see Figure B-2) indicates the beginning of
a data transfer sequence. The Start bit is defined as the
SDA signal falling when the SCL signal is “high”.
FIGURE B-2:
Start Bit.
B.3.1.2
Data Bit
The SDA signal may change state while the SCL signal
is low. While the SCL signal is high, the SDA signal
MUST be stable (see Figure B-3).
FIGURE B-3:
Data Bit.
B.3.1.3
Acknowledge (A) Bit
The A bit (see Figure B-4) is typically a response from
the receiving device to the transmitting device.
Depending on the context of the transfer sequence, the
A bit may indicate different things. Typically, the slave
device will supply an A response after the Start bit and
8 “data” bits have been received. An A bit has the SDA
signal low, while the A bit has the SDA signal high.
FIGURE B-4:
Acknowledge Waveform.
Table B-1 shows some of the conditions where the
slave device issues the A or Not A (A).
If an error condition occurs (such as an A instead of A),
then a Start bit must be issued to reset the command
state machine.
SDA
SCL
S
1st Bit
2nd Bit
TABLE B-1:
MCP47FVBXX A/A
RESPONSES
Event
Acknowledge
Bit Response
Comment
General Call
A
Slave Address
valid
A
Slave Address
not valid
A
Bus Collision
N/A
I2C™ module
Resets, or a “Don’t
Care” if the colli-
sion occurs on the
Master’s “Start bit”
SDA
SCL
Data Bit
1st Bit
2nd Bit
A
8
D0
9
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com