Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD10201/PCB Datasheet(PDF) 15 Page - Analog Devices

Part # AD10201/PCB
Description  DUAL-CHANNEL, 12-BIT 105MSPS IF SAMPLING A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10201/PCB Datasheet(HTML) 15 Page - Analog Devices

Back Button AD10201/PCB Datasheet HTML 11Page - Analog Devices AD10201/PCB Datasheet HTML 12Page - Analog Devices AD10201/PCB Datasheet HTML 13Page - Analog Devices AD10201/PCB Datasheet HTML 14Page - Analog Devices AD10201/PCB Datasheet HTML 15Page - Analog Devices AD10201/PCB Datasheet HTML 16Page - Analog Devices AD10201/PCB Datasheet HTML 17Page - Analog Devices AD10201/PCB Datasheet HTML 18Page - Analog Devices AD10201/PCB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
REV. 0
AD10201
–15–
NC
VCC
U2
DQ
DQ
VBB
VEE
3
2
1
4
6
7
8
5
MC10EP16D
AGNDA
C13
0.1 F
25V
R42
100
R43
100
AGNDA
R56
33k
3.3VA
C1
0.1 F
R1
51
AGNDA
AGNDA
J5
ENCODE
IN
OUT
SD
NR
ERR
GND
U14
6
21
5
3
AGNDA
5VAA
3.3VA
NC
VCC
U3
DQ
DQ
VBB
VEE
3
2
1
4
6
7
8
5
MC10EP16D
DGNDA
C6
0.1 F
R3
100
R4
100
DGNDA
R58
33k
3.3VDA
C2
0.1 F
R41
51
AGNDA
AGNDA
J12
ENCA
3.3VDA
D0
VCC
U4
D0
Q
D1
Q
D1
GND
3
2
1
4
6
7
8
5
SY100EPT23L
DGNDA
C5
0.1 F
3.3VDA
LATCHA
BUFLATA
E23
E19
C7
0.1 F
C8
0.1 F
ENCAB
ENCA
NC
VCC
U11
DQ
DQ
VBB
VEE
3
2
1
4
6
7
8
5
MC10EP16D
AGNDB
C27
0.47 F
25V
R63
100
R64
100
AGNDB
R38
33k
3.3VB
C22
0.1 F
R60
51
AGNDB
AGNDB
J10
ENCODE
IN
OUT
SD
NR
ERR
GND
U15
6
21
5
3
AGNDB
5VAB
3.3VB
NC
VCC
U9
DQ
DQ
VBB
VEE
3
2
1
4
6
7
8
5
MC10EP16D
DGNDB
C25
0.1 F
R65
100
R66
100
DGNDB
R39
33k
3.3VDB
C23
0.1 F
R61
51
AGNDB
AGNDB
J11
ENCB
3.3VDB
D0
VCC
U10
D0
Q
D1
Q
D1
GND
3
2
1
4
6
7
8
5
SY100EPT23L
DGNDB
C26
0.1 F
3.3VDB
LATCHB
BUFLATB
E24
E22
C24
0.1 F
C28
0.1 F
ENCBB
ENCB
4
4
Figure 5c. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com