Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1672CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1672CS8
Description  2MMax, AV=>5 SINGLE, DUAL AND QUAD OVER-THE-TOP PRECISION RAIL-TO-RAIL INPUT AND OUTPUT OP AMPS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1672CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1672CS8 Datasheet HTML 4Page - Linear Technology LT1672CS8 Datasheet HTML 5Page - Linear Technology LT1672CS8 Datasheet HTML 6Page - Linear Technology LT1672CS8 Datasheet HTML 7Page - Linear Technology LT1672CS8 Datasheet HTML 8Page - Linear Technology LT1672CS8 Datasheet HTML 9Page - Linear Technology LT1672CS8 Datasheet HTML 10Page - Linear Technology LT1672CS8 Datasheet HTML 11Page - Linear Technology LT1672CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT1672/LT1673/LT1674
©LINEAR TECHNOLOGY CORPORATION 2001
167234f LT/TP 0101 4K • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LTC
®1440/41/42
Micropower Single/Dual Comparators with 1% Reference
LTC1440: Single, LTC1441/42: Dual
LTC1443/LTC1444/LTC1445
Micropower Quad Comparators with 1% Reference
LTC1443: 1.182 Reference
LTC1444/45: 1.221V Reference and Adjustable Hysteresis
LT1466/LT1467
75
µA Dual/Quad Rail-to-Rail Input and Output Op Amps
390
µV VOS(MAX), Gain Bandwidth = 120kHz
LT1490A/LT1491A
50
µA Dual/Quad Rail-to-Rail Input and Output Op Amps
950
µV VOS(MAX), Gain Bandwidth = 200kHz
LT1494/LT1495/LT1496
1.5
µA Max Single/Dual/Quad Over-the-Top
Unity Gain Stable Version of the LT1672/LT1673/LT1674
Precision Rail-to-Rail Input and Output Op Amps
LTC1540
Nanopower Single Comparator with 1% Reference
350nA Supply Current
LT1636
Single Over-the-Top Micropower, Rail-to-Rail
225
µV VOS(MAX), IS = 55µA (Max), Gain Bandwidth = 200kHz,
Input and Output Op Amp
Shutdown Pin, MSOP
LT2078/LT2079
55
µA Dual/Quad Single Supply Op Amps
120
µV VOS(MAX), Gain Bandwidth = 200kHz
LT2178/LT2179
17
µA Dual/Quad Single Supply Op Amps
120
µV VOS(MAX), Gain Bandwidth = 60kHz
LT1782
Micropower, Over-The-Top, SOT-23, Rail-to-Rail
SOT-23, 800
µV VOS(MAX) , IS = 55µA (Max),
Input and Output Op Amp
Gain-Bandwidth = 200kHz, Shutdown Pin
LT1783
1.2MHz, Over-The-Top, Micropower, Rail-to-Rail
SOT-23, 800
µV VOS(MAX) , IS = 300µA (Max),
Input and Output Op Amp in SOT-23
Gain-Bandwidth = 1.2MHz, Shutdown Pin
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900q FAX:(408)434-0507 q www.linear-tech.com
TYPICAL APPLICATIO
–
+
1672/3/4 TA05
CD
170pF
LT1672
VS
+
VS
–
R1
10M
C1
20pF
VOUT
880nm IR
PHOTODIODE
OPTO-DIODE CORP
ODD-45W
λ
IPHOTODIODE
GAIN: AZ = 10MΩ =
10% TO 90% RISE TIME: tr = 260µs
BANDWIDTH: BW = 1.7kHz
IPHOTODIODE
VOUT
VS = ±1.2V TO ±15V
C1, CD SATISFY GAIN OF 5
STABILITY REQUIREMENT AT AC.
Micropower Photodiode Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com