Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC63CB-101 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SC63CB-101
Description  SMD POWER INDUCTORS Magnetically shielded construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SC63CB-101 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SC63CB-101 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SC63CB
104
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Magnetically shielded construction
2. LOW Profile (3.0mm max. height x 6.3mm square)
3. Low DC resistance makes this product very suitable for large current applications
CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SC63CB-2R0
2.0
100KHZ
20m
3.00
4.00
SC63CB-2R7
2.7
100KHZ
23m
2.69
3.60
SC63CB-3R3
3.3
100KHZ
27m
2.57
3.24
SC63CB-4R7
4.7
100KHZ
33m
2.08
3.10
SC63CB-6R2
6.2
100KHZ
39m
1.84
2.85
SC63CB-8R2
8.2
100KHZ
45m
1.54
2.70
SC63CB-100
10
100KHZ
50m
1.49
2.56
SC63CB-120
12
100KHZ
65m
1.28
2.43
SC63CB-150
15
100KHZ
80m
1.10
2.18
SC63CB-180
18
100KHZ
85m
1.05
2.07
SC63CB-220
22
100KHZ
110m
0.97
1.75
SC63CB-270
27
100KHZ
146m
0.82
1.67
SC63CB-330
33
100KHZ
169m
0.76
1.50
SC63CB-390
39
100KHZ
198m
0.70
1.42
SC63CB-470
47
100KHZ
218m
0.68
1.34
SC63CB-560
56
100KHZ
268m
0.60
1.20
SC63CB-680
68
100KHZ
333m
0.56
1.02
SC63CB-820
82
100KHZ
436m
0.47
0.91
SC63CB-101
100
100KHZ
496m
0.45
0.86
SC63CB-151
150
100KHZ
691m
0.37
0.77
(1). Inductance tolerance for 2.0uH~8.2uH:
±30%, for 10uH~150uH: ±20%. Tested at 0.25V, 0ADC and 25℃
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 30% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ambient.
XXX
MARKING
(3)
(4)
10
100
1000
100
1000
10000
BC63CB I nduct ance decrease by current
100000
DC current (mA)
1
0. 1 10
151
220
2R0
BC63CB Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
50
70
40
60
30
20
10
4000
6000
1000 2000 3000
7000
5000
8000
0
9000 10000
151
220
2R0
SC63CB Inductance decrease by current
DC current (mA)
DC current (mA)
SC63CB Temperature rise by current
Custom versions available upon request.
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SC63CB-101

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC63C0316 SILAN-SC63C0316 Datasheet
288Kb / 24P
AUDIO CONTROL SYSTEM WITH BUILTIN
More results

Similar Description - SC63CB-101

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53LC BEL-SC53LC Datasheet
930Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH2D18 BEL-SCRH2D18 Datasheet
808Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28 BEL-SCRH5D28 Datasheet
784Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28R BEL-SCRH5D28R Datasheet
772Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73 BEL-SCRH73 Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73B BEL-SCRH73B Datasheet
818Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH104 BEL-SCRH104 Datasheet
792Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH105R BEL-SCRH105R Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH124 BEL-SCRH124 Datasheet
805Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH127 BEL-SCRH127 Datasheet
785Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com