| Electronic Components Datasheet Search |
|
MEX-F-13231-C/B Datasheet(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
MEX-F-13231-C/B Datasheet(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 5 page ![]() MODEL: MEX-F MEX-F SPECIFICATIONS ES-4623 Rev.7 Page 2/5 http://www.m-system.co.jp/ GENERAL SPECIFICATIONS Construction: Plug-in Connection: M3.5 screw terminals Screw terminal: Chromated steel (standard) or stainless steel Housing material: Flame-resistant resin (black) Deadband adjustment: 2 – 20 % (front) Timer adjustment: 1 – 30 sec. (front); 5 sec. minimum with breaking function Isolation: Setpoint input or xmtr output or feedback input to control output to power (For external SSRs control output, non-isolated between control output and setpoint input etc.) Zero adjustment (front) Potentiometer feedback: 0 – 25 % Current feedback: -10 – +10 % Span adjustment (front) Potentiometer feedback: 75 – 100 % Current feedback: 90 – 110 % Operation mode: Front-accessed DIP switches; failsafe operation (full-open, full-closed or stop) when there is no position input signal (approx. -12.5 %); direct/reverse re- transmitted output; direct/reverse control action Electronic limit: Front-accessed potentiometers provided for Operation Mode Selector type • Zero limit: Approx. -10 – +5 % • Span limit: Approx. 95 – 110 % Breaking function: Dynamic brake (applicable with 100 to 120 V AC motor only) LCD meter: Indicating re-transmitted output signal; 0.1 % increments INPUT SPECIFICATIONS ■ Setpoint Input Input resistor: Attached to input terminals (0.5 W) ■ POSITION FEEDBACK INPUT • Current: 4 – 20 mA DC Input resistance: 20 Ω • Feedback Potentiometer: 100 Ω – 10 kΩ Minimum span: 50 % of total resistance Excitation: 0.4 V DC OUTPUT SPECIFICATIONS ■ Re-Transmitted Output: 4 – 20 mA DC Load resistance: 750 Ω max. ■ Control Output • SSR: Zero-cross fucntion; 80 – 264 V AC @ 0.1 – 1 A The built-in SSR cannot drive 200 V AC motor (direct/reverse). Leakage current at OFF: Approx. 10 mA @ 240 V Remark: When driving relays with this control output, relays may operate erratically due to the leakage current at OFF of SSR. To avoid the problem, install a resistor (R) in parallel with the relay coil. R < [Release Voltage] / ([Leakage Current at OFF] – [Release Current]) Output Operation: Refer to the figure at the end of this section. ■ Constant Current Rating: 10 V DC, 10 mA ±10 % at ON; 0 mA at OFF Output Operation: Refer to the figure at the end of this section. • 24 V AC Dry Contact Drive: Photo MOSFET relay Rating: 27 V AC/DC @ 1 A Leakage current at OFF: 1 mA @ 30 V AC Output Operation: Refer to the figure at the end of this section (2-3)ON to min. (1-3)ON to max. Deviation (Setpoint) – (Feedback) + – 0 Deadband • Output Operation (terminal No. in parentheses) INSTALLATION Power input •AC: Operational voltage range: rating ±10 %, 50/60 ±2 Hz, approx. 3 VA •DC: Operational voltage range: 24 V ±10 %, approx. 120 mA (ripple 10 %p-p max.) Operating temperature: -5 to +60°C (23 to 140°F) Operating humidity: 30 to 90 %RH (non-condensing) Mounting: Surface or DIN rail Weight: 300 g (0.66 lb) PERFORMANCE in percentage of span Position conversion accuracy: ±0.5 % Re-transmitted output accuracy: ≤ 3 % excluding offset and deadband Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 2000 V AC @ 1 minute (setpoint input or xmtr output or feedback input to control output to power to ground) (For external SSRs control output, non-isolated between control output and setpoint input etc.) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |