Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCNL3036 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # VCNL3036
Description  High Resolution Digital Biosensor for Wearable Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL3036 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button VCNL3036 Datasheet HTML 8Page - Vishay Siliconix VCNL3036 Datasheet HTML 9Page - Vishay Siliconix VCNL3036 Datasheet HTML 10Page - Vishay Siliconix VCNL3036 Datasheet HTML 11Page - Vishay Siliconix VCNL3036 Datasheet HTML 12Page - Vishay Siliconix VCNL3036 Datasheet HTML 13Page - Vishay Siliconix VCNL3036 Datasheet HTML 14Page - Vishay Siliconix VCNL3036 Datasheet HTML 15Page - Vishay Siliconix VCNL3036 Datasheet HTML 16Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
VCNL3036
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 18-Mar-2020
13
Document Number: 84373
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters
Technical drawings
according to DIN
specification.
Drawing No.: 6.550-5331.01-4
Issue: 1; 21.02.2017
Not indicated tolerances ± 0.1 mm
1.95
1.17
0.405
0.28
0.65 (8 x)
0.185
0.185
Pinning bottom view
LED2
5
LED1
6
INT
7
SDA
8
Exposed pad is
internally connected
to GND
LED3
4
GND
3
SCL
2
V
DD
1
LED3
4
GND
3
SCL
2
V
DD
1
LED2
5
LED1
6
INT
7
SDA
8
Pinning top view
Recommended solder foot print
0.75 (8 x)
0.3 (6 x)
(4)
1.05
3 x 1.05 = 3.15
0.8
3.145
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com