Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV35WV Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BAV35WV
Description  350mW SOD-123 Fast Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAV35WV Datasheet(HTML) 1 Page - Rectron Semiconductor

  BAV35WV Datasheet HTML 1Page - Rectron Semiconductor BAV35WV Datasheet HTML 2Page - Rectron Semiconductor BAV35WV Datasheet HTML 3Page - Rectron Semiconductor BAV35WV Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
350mW SOD-123 Fast Switching Diode
Features
Fast Switching Device (TRR <100nS)
Power Dissipation of 350mW
High Stability and High Reliability
Low reverse leakage
Mechanical Data
SOD-123 Small Outline Plastic Package
Polarity: Color band denotes cathode end
Epoxy UL: 94V-0
Mounting Position: Any
Maximum Ratings & Thermal Characteristics (Ratings at 25℃ ambient temperature unless otherwise specified.)
Parameters
Symbol
Value
Unit
Reverse Voltage
VR
350
V
Peak Reverse Voltage
VRM
350
V
Power Dissipation
Pd
350
mW
Operating junction temperature
Tj
150
℃
Storage temperature range
Ts
-65-+150
℃
Working Inverse Voltage
WIV
75
V
Average Rectified Current
IO
225
mA
Typical thermal resistance
RθJA
RθJC
250
5
℃
/W
Non-repetitive Peak Forward Current
IFM
300
mA
Peak Forward Surge Current
@tp=1us; TA=25℃
IFSM
1.0
A
Valid provided that electrodes are kept at ambient temperature.
Electrical Characteristics (Ratings at 25℃ ambient temperature unless otherwise specified).
Limits
Symbols
Parameter
Test Condition
Min
Max
Unit
VRB
Reverse Voltage
IB=100uA
350
---
V
IR
Reverse Leakage Current
VR=240V
---
100
nA
IF=20mA
---
0.87
Forward Voltage
IF=100mA
---
1.00
VF
IF=200mA
---
1.25
V
IF= 30mA, IR=30mA
Reverse Recovery Time
RL=100Ω
TRR
IRR=3mA
---
100
nS
C
Capacitance
VR=0V, f=1MHZ
---
5
pF
MARKING: 35XT
BAV35WV
P/N suffix V means AEC-Q101 qualified, e.g:BAV35WV .
P/N suffix V means Halogen-free .
2020-11/24
REV:O


Similar Part No. - BAV35WV

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BAV35W RECTRON-BAV35W Datasheet
1Mb / 4P
350mW SOD-123 Fast Switching Diode
BAV35WX RECTRON-BAV35WX Datasheet
190Kb / 4P
Fast Switching Diode
More results

Similar Description - BAV35WV

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
BZT52BXX YEASHIN-BZT52BXX Datasheet
815Kb / 3P
SOD-123 Plastic-Encapsulate Zener Diode
logo
SHENZHEN YONGERJIA INDU...
1N5711W WINNERJOIN-1N5711W_15 Datasheet
95Kb / 2P
SOD-123
1N6263W WINNERJOIN-1N6263W_15 Datasheet
96Kb / 2P
SOD-123
BAT46W WINNERJOIN-BAT46W_15 Datasheet
102Kb / 2P
SOD-123
BAV16W WINNERJOIN-BAV16W_15 Datasheet
164Kb / 2P
SOD-123
BAV19W WINNERJOIN-BAV19W_15 Datasheet
115Kb / 2P
SOD-123
logo
Taiwan Semiconductor Co...
B5817W TSC-B5817W Datasheet
149Kb / 5P
SOD-123 40V/1A Schottky Diode
logo
SeCoS Halbleitertechnol...
BZT52B SECOS-BZT52B Datasheet
299Kb / 3P
350mW, SOD-123 Series Surface Mount Zener Diodes
logo
Rectron Semiconductor
BAS316WSV RECTRON-BAS316WSV Datasheet
263Kb / 3P
250mW SOD-323 Fast Switching Diode
BAV35W RECTRON-BAV35W Datasheet
1Mb / 4P
350mW SOD-123 Fast Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com