Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV199 Datasheet(PDF) 4 Page - Rectron Semiconductor

Part # BAV199
Description  Low-leakage double diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAV199 Datasheet(HTML) 4 Page - Rectron Semiconductor

  BAV199 Datasheet HTML 1Page - Rectron Semiconductor BAV199 Datasheet HTML 2Page - Rectron Semiconductor BAV199 Datasheet HTML 3Page - Rectron Semiconductor BAV199 Datasheet HTML 4Page - Rectron Semiconductor BAV199 Datasheet HTML 5Page - Rectron Semiconductor BAV199 Datasheet HTML 6Page - Rectron Semiconductor BAV199 Datasheet HTML 7Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
VR =75V.
(1) Maximum values.
(2) Typical values.
Fig.5
Reverse current as a function of junction
temperature; per diode.
handbook, halfpage
10 2
10 3
150
200
50
0
100
10
1
10 1
10 2
I R
(nA)
T ( C)
o
j
(1)
(2)
Fig.6
Diode capacitance as a function of reverse
voltage; per diode; typical values.
f = 1 MHz; Tj =25
°C.
handbook, halfpage
010
20
15
5
2
0
1
VR (V)
Cd
(pF)
handbook, full pagewidth
t rr
(1)
I F
t
output signal
t r
t
t p
10%
90%
VR
input signal
V = V
I x R
RF
S
R = 50
S
Ω
IF
D.U.T.
R = 50
i
Ω
SAMPLING
OSCILLOSCOPE
MGA881
Fig.7 Reverse recovery time test circuit and waveforms.
RATING AND CHARACTERISTICS CURVES (BAV199)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com