Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC104-331 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SC104-331
Description  SMD POWER INDUCTORS Open frame construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SC104-331 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SC104-331 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SC104
36
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Open frame construction.
ELECTRICAL CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SC104-100
10
2.52MHZ
0.053
2.38
3.50
SC104-120
12
2.52MHZ
0.061
2.13
3.10
SC104-150
15
2.52MHZ
0.070
1.87
2.90
SC104-180
18
2.52MHZ
0.081
1.73
2.70
SC104-220
22
2.52MHZ
0.088
1.60
2.30
SC104-270
27
2.52MHZ
0.100
1.44
2.05
SC104-330
33
2.52MHZ
0.120
1.26
1.82
SC104-390
39
2.52MHZ
0.151
1.20
1.68
SC104-470
47
2.52MHZ
0.170
1.10
1.50
SC104-560
56
2.52MHZ
0.199
1.01
1.40
SC104-680
68
2.52MHZ
0.223
0.91
1.30
SC104-820
82
2.52MHZ
0.252
0.85
1.18
SC104-101
100
1KHZ
0.344
0.74
1.12
SC104-121
120
1KHZ
0.396
0.69
1.05
SC104-151
150
1KHZ
0.544
0.61
0.98
SC104-181
180
1KHZ
0.621
0.56
0.90
SC104-221
220
1KHZ
0.721
0.53
0.84
SC104-271
270
1KHZ
0.949
0.45
0.74
SC104-331
330
1KHZ
1.100
0.42
0.64
SC104-391
390
1KHZ
1.245
0.38
0.52
SC104-471
470
1KHZ
1.526
0.35
0.46
SC104-561
560
1KHZ
1.904
0.32
0.43
(1). Inductance tolerance
±20% tested at 0.25V, 0ADC and 25℃.
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 10% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ ambient.
(3)
(4)
XXX
MARKING
SC104 Inductance decrease by current
DC current (mA)
DC current (mA)
SC104 Temperature rise by current
Custom versions available upon request.
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SC104-331

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC104 SEMTECH-SC104 Datasheet
199Kb / 12P
Micro Power Constant-Current DC-DC Converter
logo
List of Unclassifed Man...
SC1044 ETC-SC1044 Datasheet
166Kb / 9P
VOLTAGE REGULATOR
SC1045 ETC-SC1045 Datasheet
166Kb / 9P
VOLTAGE REGULATOR
logo
Semtech Corporation
SC104EVB SEMTECH-SC104EVB Datasheet
199Kb / 12P
Micro Power Constant-Current DC-DC Converter
SC104IMLTR SEMTECH-SC104IMLTR Datasheet
199Kb / 12P
Micro Power Constant-Current DC-DC Converter
More results

Similar Description - SC104-331

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53 BEL-SC53 Datasheet
242Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC54 BEL-SC54 Datasheet
1,022Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC75 BEL-SC75 Datasheet
864Kb / 1P
SMD POWER INDUCTORS Open frame construction.
SC105 BEL-SC105 Datasheet
914Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1210 BEL-SC1210 Datasheet
783Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1812 BEL-SC1812 Datasheet
778Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1813FH BEL-SC1813FH Datasheet
780Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC3308F BEL-SC3308F Datasheet
807Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC4020FH BEL-SC4020FH Datasheet
777Kb / 1P
SMD POWER INDUCTORS Open frame construction
SCNR4012 BEL-SCNR4012 Datasheet
835Kb / 1P
SMD POWER INDUCTORS Open frame construction.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com