Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

47LAC Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # 47LAC
Description  Digital Panel Meters 47 Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

47LAC Datasheet(HTML) 7 Page - M-System Co.,Ltd.

  47LAC Datasheet HTML 1Page - M-System Co.,Ltd. 47LAC Datasheet HTML 2Page - M-System Co.,Ltd. 47LAC Datasheet HTML 3Page - M-System Co.,Ltd. 47LAC Datasheet HTML 4Page - M-System Co.,Ltd. 47LAC Datasheet HTML 5Page - M-System Co.,Ltd. 47LAC Datasheet HTML 6Page - M-System Co.,Ltd. 47LAC Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MODEL: 47LAC
47LAC SPECIFICATIONS
ES-9511 Rev.13 Page 7/7
https://www.m-system.co.jp/
• Input Terminal Assignments
INPUT TYPE
MEASURING
INPUT
(indicator)
RANGE
TERMINALS
A2
0 – 2mA
2 – 3
A20
0 – 20mA
1 – 3
A200
0 – 200mA
V0.1
0 – 0.1V
2 – 3
V1
0 – 1V
V10
0 – 10V
1 –  3
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com