| Electronic Components Datasheet Search |
|
47DR Datasheet(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
47DR Datasheet(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 12 page ![]() MODEL: 47DR 47DR SPECIFICATIONS ES-9509 Rev.12 Page 5/12 http://www.m-system.co.jp/ EXTERNAL VIEW (7) Infrared Interface (8) Max/Min Button (10) Init/ Button (11) Shift Button (12) Up Button (1) Main Display (2) Sub Display (5) Bargraph (6) Function Indicators (3) Status Indicators (4) Alarm Indicators (9) Alarm/ Button Alarm/ Init/ Max/Min Shift Up Max Min NG Ini Alm TG Hld °F °C HH H P L LL • COMPONENT IDENTIFICATION No. COMPONENT FUNCTION (1) Main display Indicates present values, setting values and status of the unit. (2) Sub display Indicates the present setting mode. (3) Status indicators Indicate Max/Min display mode. (4) Alarm indicators Indicate alarm status of the input signal. (5) Bargraph Indicates present signal level against the temperature range. (6) Function indicators Indicate the device status. (7) Infrared interface Used for the infrared communication. (8) Max/Min button Used to switch the main display to show present values, maximum values or minimum values etc. (9) Alarm/ button Used to confirm alarm setpoints and to move on to the alarm and other setting modes; or to shift through setting items in each setting mode. (10) Init/ button Used to move on to the initial and other setting modes; or to shift through setting items in each setting mode. (11) Shift button Used to move on to the setting standby status and shift through display digits in each setting item. (12) Up button Used to change setting values. Note: Refer to the operating manual for details on each function. COMMUNICATION CABLE CONNECTIONS R2K-1 T1 T2 T3 T4 47Dx T1 T2 T3 T4 T1 T2 T3 T4 47Dx RS-232-C RS-485 *1 *1 *1. Internal terminating resistor is used when the device is at the end of a transmission line. *2. Install shield cables to all sections and ground them at single point. *2 FG RS-485 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |