Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

47DM Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 47DM
Description  Digital Panel Meters 47 Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

47DM Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  47DM Datasheet HTML 1Page - M-System Co.,Ltd. 47DM Datasheet HTML 2Page - M-System Co.,Ltd. 47DM Datasheet HTML 3Page - M-System Co.,Ltd. 47DM Datasheet HTML 4Page - M-System Co.,Ltd. 47DM Datasheet HTML 5Page - M-System Co.,Ltd. 47DM Datasheet HTML 6Page - M-System Co.,Ltd. 47DM Datasheet HTML 7Page - M-System Co.,Ltd. 47DM Datasheet HTML 8Page - M-System Co.,Ltd. 47DM Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MODEL: 47DM
47DM SPECIFICATIONS
ES-9510 Rev.11 Page 1/12
http://www.m-system.co.jp/
Digital Panel Meters 47 Series
POTENTIOMETER INPUT DIGITAL PANEL METER
(5½ digit, LCD display type)
Functions & Features
• 5½ digit potentiometer input digital panel meter
• Scaling range -20000 to 100000
• 1/8 DIN size
• Display color can be changed at alarm
• Bargraph indicator shows approximate measuring status
• 12 V or 24 V excitation supply
• External event trigger input
• RS-485 / Modbus RTU output
• Infrared interface
• BCD output
• Loop test output (DC output option)
• IP66 front panel
• Separable terminal block
• Safety terminal cover tethered to the device with a strap
Alarm/
Scale/
Max/Min
Shift
Up
48
(1.89)
mm (inch)
96 (3.78)
98.5 (3.88)
Max
Min
FZ
TZ
NG Zro Sp
n
TG
Hld
Tch
HH
H
P
L
LL
MODEL: 47DM-1[1][2][3]-[4][5]
ORDERING INFORMATION
• Code number: 47DM-1[1][2][3]-[4][5]
Specify a code from below for each [1] through [5].
(e.g. 47DM-1111-M2/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01/SET)
INPUT
1: Total resistance 100 Ω – 10 kΩ
[1] DC OUTPUT
0: Without
1: With
[2] EXCITATION SUPPLY
1: +12 V sensor excitation
2: +24 V two-wire transmitter excitation
[3] I/O OPTIONS
0: None
1: Alarm output: N.O. relay, 4 points
2: Alarm output: SPDT relay, 2 points
3: Alarm output: N.O. photo MOSFET relay, 4 points
4: Network interface: RS-485 / Modbus RTU
5: BCD output
6: Event trigger input
7: Alarm output: N.O. relay, 4 points
+ Network interface: RS-485 / Modbus RTU
8: Alarm output: SPDT relay, 2 points +
Network interface: RS-485 / Modbus RTU
9: Alarm output: N.O. photo MOSFET relay, 4 points + BCD output
A: Event trigger input + BCD output
[4] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V, 50/60 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
[5] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
Moving parts and indicators are not coated.
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-9510)
RELATED PRODUCTS
• Connector terminal block (model: CNT)
• Special cable (model: HDR40)
• Infrared Communication Adaptor (model: COP-IRU)
• PC configurator software (model: 47DCFG)
Downloadable at M-System’s web site.
GENERAL SPECIFICATIONS
Construction: Panel flush mounting
Degree of protection: IP66; applicable to the front of the


Similar Part No. - 47DM

ManufacturerPart #DatasheetDescription
logo
Shanghai Yint Electroni...
47D-13 YINT-47D-13 Datasheet
836Kb / 8P
MF72 power direct heat type negative temperature coefficient thermistor
logo
Shanghai Leiditech Elec...
47D-13 LEIDITECH-47D-13 Datasheet
3Mb / 24P
NTC Specification
47D-13 LEIDITECH-47D-13 Datasheet
2Mb / 24P
NTC Specification
logo
Shanghai Yint Electroni...
47D-15 YINT-47D-15 Datasheet
836Kb / 8P
MF72 power direct heat type negative temperature coefficient thermistor
logo
Shanghai Leiditech Elec...
47D-15 LEIDITECH-47D-15 Datasheet
3Mb / 24P
NTC Specification
More results

Similar Description - 47DM

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
47LYV MSYSTEM-47LYV Datasheet
154Kb / 5P
Digital Panel Meters 47 Series
47LV MSYSTEM-47LV Datasheet
201Kb / 8P
Digital Panel Meters 47 Series
47LT MSYSTEM-47LT Datasheet
193Kb / 8P
Digital Panel Meters 47 Series
47LR MSYSTEM-47LR Datasheet
188Kb / 7P
Digital Panel Meters 47 Series
47LPT MSYSTEM-47LPT Datasheet
184Kb / 7P
Digital Panel Meters 47 Series
47LPQ MSYSTEM-47LPQ Datasheet
186Kb / 8P
Digital Panel Meters 47 Series
47LM MSYSTEM-47LM Datasheet
177Kb / 7P
Digital Panel Meters 47 Series
47LCT MSYSTEM-47LCT Datasheet
182Kb / 7P
Digital Panel Meters 47 Series
47DV MSYSTEM-47DV Datasheet
554Kb / 13P
Digital Panel Meters 47 Series
47DR MSYSTEM-47DR Datasheet
521Kb / 12P
Digital Panel Meters 47 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com