Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3316C Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SC3316C
Description  SMD POWER INDUCTORS Magnetically shielded construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SC3316C Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SC3316C Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SC3316C
86
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Magnetically shielded construction
2 Excellent Power Density
3 Engineered to Provide High Efficiency
ELECTRICAL CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SC3316C-1R0
1.0
100KHZ
21m
5.60
6.00
SC3316C-1R5
1.5
100KHZ
22m
5.20
5.70
SC3316C-2R2
2.2
100KHZ
32m
5.00
4.59
SC3316C 3R3
3.3
100KHZ
39m
3.90
4.37
SC3316C-4R7
4.7
100KHZ
54m
3.20
3.73
SC3316C-6R8
6.8
100KHZ
75m
2.80
2.61
SC3316C-100
10
100KHZ
0.101
2.40
2.34
SC3316C-150
15
100KHZ
0.150
2.00
1.87
SC3316C-220
22
100KHZ
0.207
1.60
1.49
SC3316C-330
33
100KHZ
0.334
1.40
1.20
SC3316C-470
47
100KHZ
0.472
1.00
0.96
SC3316C-680
68
100KHZ
0.660
0.90
0.77
SC3316C-101
100
100KHZ
0.924
0.80
0.61
SC3316C-151
150
100KHZ
1.290
0.70
0.49
SC3316C-221
220
100KHZ
2.200
0.50
0.39
SC3316C-331
330
100KHZ
2.500
0.38
0.31
SC3316C-471
470
100KHZ
3.700
0.35
0.28
SC3316C-681
680
100KHZ
6.40
0.30
0.225
SC3316C-102
1000
100KHZ
9.60
0.20
0.20
(1). Inductance tolerance for 1.0uH~2.2uH:
±30%, for 3.3uH~1000uH: ±20%. Tested at 0.25V, 0ADC and 25℃.
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 10% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ ambient.
(3)
(4)
MARKING
XXX
1
10
100
1000
10000
100000
100
BC3316C I nduct ance decr ease by cur r ent
DC cur r ent ( mA)
1000
0. 1
10000
10
102
330
1R0
BC3316C Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
50
70
40
60
30
20
10
4000
6000
1000
2000
3000
7000
5000
8000
0
9000 10000
1R0
330
102
SC3316C Inductance decrease by current
DC current (mA)
DC current (mA)
SC3316C Temperature rise by current
Custom versions available upon request.
©2011 Signal Transformer –Specification subject to change without notice. 07.11
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com


Similar Part No. - SC3316C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC3316F BEL-SC3316F Datasheet
815Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC3316F-100 BEL-SC3316F-100 Datasheet
815Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC3316F-101 BEL-SC3316F-101 Datasheet
815Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC3316F-102 BEL-SC3316F-102 Datasheet
815Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC3316F-150 BEL-SC3316F-150 Datasheet
815Kb / 1P
SMD POWER INDUCTORS Open frame construction
More results

Similar Description - SC3316C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53LC BEL-SC53LC Datasheet
930Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH2D18 BEL-SCRH2D18 Datasheet
808Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28 BEL-SCRH5D28 Datasheet
784Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28R BEL-SCRH5D28R Datasheet
772Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73 BEL-SCRH73 Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73B BEL-SCRH73B Datasheet
818Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH104 BEL-SCRH104 Datasheet
792Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH105R BEL-SCRH105R Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH124 BEL-SCRH124 Datasheet
805Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH127 BEL-SCRH127 Datasheet
785Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com