Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2220-R42 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SC2220-R42
Description  SMD POWER INDUCTORS Open frame construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SC2220-R42 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SC2220-R42 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SC2220
42
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
Features
1. Open frame construction
2 Low DCR
3 Excellent Power Density
4 Engineered to Provide High Efficiency
ELECTRICAL CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SC2220-R10
0.1
1MHZ
9.8m
6.00
7.80
SC2220-R24
0.24
1MHZ
14.0m
5.30
6.60
SC2220-R42
0.42
1MHZ
18.2m
4.80
5.40
SC2220-1R0
1.0
1MHZ
26.6m
4.00
4.40
SC2220-1R5
1.5
1MHZ
30.8m
3.70
3.90
SC2220-2R2
2.2
1MHZ
40.6m
3.20
3.50
SC2220-3R3
3.3
1MHZ
50.4m
2.90
3.10
SC2220-4R7
4.7
1MHZ
63.0m
2.70
2.80
SC2220-6R8
6.8
1MHZ
104m
2.00
2.38
SC2220-100
10
1MHZ
130m
1.70
1.85
SC2220-150
15
1MHZ
210m
1.40
1.50
SC2220-220
22
1MHZ
265m
1.20
1.23
SC2220-330
33
1MHZ
448m
0.90
0.96
SC2220-470
47
1MHZ
630m
0.80
0.76
SC2220-680
68
1MHZ
938m
0.64
0.68
SC2220-101
100
100KHZ
1.20
0.56
0.52
SC2220-151
150
100KHZ
2.66
0.42
0.40
SC2220-221
220
100KHZ
3.36
0.32
0.30
SC2220-331
330
100KHZ
6.16
0.27
0.26
SC2220-471
470
100KHZ
7.56
0.24
0.23
SC2220-681
680
100KHZ
11.34
0.19
0.19
SC2220-102
1000
10KHZ
14.42
0.15
0.15
SC2220-222
2200
10KHZ
30.10
0.10
0.10
SC2220-472
4700
10KHZ
61.04
0.07
0.07
SC2220-103
10000
10KHZ
140.00
0.05
0.05
(1).
Inductance tolerance for 0.1uH~0.42uH:
±30%, for 1uH~510mH: ±20%. Tested at 0.25V, 0ADC and 25℃
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 10% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ ambient.
(3)
(4)
MARKING
XXX
1
10
100
100
1000
10000
10
BC2220 I nduct ance decr ease by cur r ent
100000
DC cur r ent ( mA)
1000
0. 1
10000
0. 01
103
330
R10
1000
2000
3000 4000
5000
6000
7000
0
8000
BC2220 Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
70
60
50
40
30
20
10
9000
103
100
R10
SC220 Inductance decrease by current
DC current (mA)
DC current (mA)
SC2220 Temperature rise by current
Custom versions available upon request.
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SC2220-R42

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC2220 FAIRVIEW-SC2220 Datasheet
1Mb / 4P
UHF Male Connector Solder Attachment for RG59BU, RG62, RG71 Cable
REV B
logo
List of Unclassifed Man...
SC22201 ETC1-SC22201 Datasheet
309Kb / 5P
ELECTRICALLY ERASABLE PROGRAMMABLE MEMORIES
SC22201CM ETC1-SC22201CM Datasheet
309Kb / 5P
ELECTRICALLY ERASABLE PROGRAMMABLE MEMORIES
SC22201CN ETC1-SC22201CN Datasheet
309Kb / 5P
ELECTRICALLY ERASABLE PROGRAMMABLE MEMORIES
logo
Socay Electornics Co., ...
SC2220ML240K SOCAY-SC2220ML240K Datasheet
274Kb / 8P
Surface Mount Multilayer Varistor
More results

Similar Description - SC2220-R42

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53 BEL-SC53 Datasheet
242Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC54 BEL-SC54 Datasheet
1,022Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC75 BEL-SC75 Datasheet
864Kb / 1P
SMD POWER INDUCTORS Open frame construction.
SC105 BEL-SC105 Datasheet
914Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1210 BEL-SC1210 Datasheet
783Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1812 BEL-SC1812 Datasheet
778Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1813FH BEL-SC1813FH Datasheet
780Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC3308F BEL-SC3308F Datasheet
807Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC4020FH BEL-SC4020FH Datasheet
777Kb / 1P
SMD POWER INDUCTORS Open frame construction
SCNR4012 BEL-SCNR4012 Datasheet
835Kb / 1P
SMD POWER INDUCTORS Open frame construction.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com