Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC6013 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC6013
Description  NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6013 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC6013 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6013 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6013 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6013 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC6013
No.8556-1/4
Applications
Relay drivers, lamp drivers, motor drivers, flash.
Features
Adoption of MBIT process.
Large current capacitance.
Low collector-to-emitter saturation voltage.
High-speed switching.
Narrow hFE range.
High allowable power dissipation.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
15
V
Collector-to-Emitter Voltage
VCEO
15
V
Emitter-to-Base Voltage
VEBO
6V
Collector Current
IC
6A
Collector Current (Pulse)
ICP
9A
Base Current
IB
600
mA
Collector Dissipation
PC
Mounted on a ceramic board (250mm2!0.8mm)
1.3
W
Tc=25
°C
3.5
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=12V, IE=0A
0.1
µA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0A
0.1
µA
DC Current Gain
hFE
VCE=2V, IC=500mA
250
400
Marking : QA
Continued on next page.
Ordering number : EN8556
D2005EA MS IM TB-00001983
2SC6013
NPN Epitaxial Planar Silicon Transistor
DC / DC Converter Applications
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.


Similar Part No. - 2SC6013

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC6010 TOSHIBA-2SC6010 Datasheet
182Kb / 5P
Silicon NPN Triple Diffused Type
2SC6010 TOSHIBA-2SC6010 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Allegro MicroSystems
2SC6011 ALLEGRO-2SC6011 Datasheet
282Kb / 7P
Audio Amplification Transistor
logo
Inchange Semiconductor ...
2SC6011 ISC-2SC6011 Datasheet
249Kb / 2P
isc Silicon NPN Power Transistor
logo
Sanken electric
2SC6011 SANKEN-2SC6011 Datasheet
223Kb / 7P
Audio Amplification Transistor
More results

Similar Description - 2SC6013

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC6015 SANYO-2SC6015 Datasheet
42Kb / 4P
NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
2SC6016 SANYO-2SC6016 Datasheet
42Kb / 4P
NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
2SC6022 SANYO-2SC6022 Datasheet
44Kb / 4P
NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
CPH3235 SANYO-CPH3235 Datasheet
38Kb / 4P
NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
CPH3236 SANYO-CPH3236 Datasheet
36Kb / 4P
NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
CPH3237 SANYO-CPH3237 Datasheet
36Kb / 4P
NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
MCH3217 SANYO-MCH3217 Datasheet
38Kb / 4P
NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
MCH3218 SANYO-MCH3218 Datasheet
37Kb / 4P
NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
MCH3222 SANYO-MCH3222 Datasheet
39Kb / 4P
NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
PCP1204 SANYO-PCP1204 Datasheet
260Kb / 4P
NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com