Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC6064 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC6064
Description  NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6064 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC6064 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6064 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6064 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6064 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC6064
No. A0270-1/4
Applications
•
Voltage regulators, relay drivers, lamp drivers, electrical equipment.
Features
•
Adoption of MBIT process.
•
Large current capacitance.
•
Low collector-to-emitter saturation voltage.
•
High-speed switching.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
80
V
Collector-to-Emitter Voltage
VCES
80
V
Collector-to-Emitter Voltage
VCEO
50
V
Emitter-to-Base Voltage
VEBO
6V
Collector Current
IC
2A
Collector Current (Pulse)
ICP
4A
Collector Dissipation
PC
0.9
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=40V, IE=0A
1
µA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0A
1
µA
DC Current Gain
hFE1VCE=2V, IC=100mA
200
560
hFE2VCE=2V, IC=1.5A
40
Gain-Bandwidth Product
fT
VCE=10V, IC=300mA
420
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
9
pF
Continued on next page.
Ordering number : ENA0270
D2805EA MS IM TB-00001910
2SC6064
NPN Epitaxial Planar Silicon Transistor
High-Current Switching Applications
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.


Similar Part No. - 2SC6064

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC606 ETC-2SC606 Datasheet
51Kb / 1P
NPN SILICON TRANSISTOR
logo
Toshiba Semiconductor
2SC6060 TOSHIBA-2SC6060 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SC6061 TOSHIBA-2SC6061 Datasheet
205Kb / 5P
Silicon NPN Epitaxial Type
2SC6061 TOSHIBA-2SC6061 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SC6062 TOSHIBA-2SC6062 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - 2SC6064

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5999 SANYO-2SC5999 Datasheet
37Kb / 4P
NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
2SC6017 SANYO-2SC6017 Datasheet
55Kb / 5P
PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
2SC6043 SANYO-2SC6043 Datasheet
39Kb / 4P
NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
2SC6044 SANYO-2SC6044 Datasheet
44Kb / 4P
NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
CPH3123 SANYO-CPH3123 Datasheet
59Kb / 5P
PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
CPH5522 SANYO-CPH5522 Datasheet
61Kb / 5P
PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
CPH3246 SANYO-CPH3246 Datasheet
41Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
CPH3247 SANYO-CPH3247 Datasheet
41Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC6094 SANYO-2SC6094 Datasheet
43Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
CPH5518 SANYO-CPH5518 Datasheet
62Kb / 5P
PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com