Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2A7 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # 2A7
Description  SURFACE MOUNT SILICON RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

2A7 Datasheet(HTML) 1 Page - Rectron Semiconductor

  2A7 Datasheet HTML 1Page - Rectron Semiconductor 2A7 Datasheet HTML 2Page - Rectron Semiconductor 2A7 Datasheet HTML 3Page - Rectron Semiconductor 2A7 Datasheet HTML 4Page - Rectron Semiconductor 2A7 Datasheet HTML 5Page - Rectron Semiconductor 2A7 Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
resistive or inductive load.
2A1
THRU
2A7
SOD-123F
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
FEATURES
* Ideal for surface mounted applications
* Low leakage current
* Metallurgically bonded construction
* Mounting position: Any
* Weight: 0.018 gram
MECHANICAL DATA
* Epoxy : Device has UL flammability classification 94V-0
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current at TA = 55oC
Peak Forward Surge Current IFM(surge): 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 1)
Typical Thermal Resistance (Note 3)
Current Squarad Time
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
I
RθJA
RθJL
FSM
I2t
CJ
TJ, TSTG
VRMS
Amps
2.0
50
10.38
85
25
30
-55 to + 150
pF
0
C
0
C/W
UNITS
Volts
Volts
2A1
2A3
2A2
2A4
2A6
2A5
2A7
50
100
200
400
600
800
1000
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
Volts
Amps
A2/Sec
8
NOTES : 1. Measured at 1.0 MHz and applied average voltage of 4.0VDC
CHARACTERISTICS
VF
SYMBOL
IR
1.05
50
uAmps
Maximum Forward Voltage at 2.0A DC
Volts
UNITS
Maximum DC Average Reverse Current at
Rated DC Blocking Voltage
@TA = 25
oC
@TA = 100
oC
2A1
2A3
2A2
2A4
2A6
2A5
2A7
1.0
uAmps
2. “ROHS compliant”
3. Thernal Resistance: Mounted on PCB.
.035 (0.90)
.028 (0.70)
.077 (1.95)
.069 (1.75)
.114 (2.9)
.106 (2.7)
SURFACE MOUNT SILICON RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
.150 (3.8)
.142 (3.6)
.053 (1.35)
.033(0.85)
.013 (0.35)
.008 (0.20)
.039 (1.00)
2020-04
REV:A


Similar Part No. - 2A7

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
2A70 HONEYWELL-ACC-2A70 Datasheet
1Mb / 11P
Pushbutton Switches and Indicators
logo
Honeywell Solid State E...
2A70 HONEYWELL-2A70 Datasheet
1Mb / 11P
Pushbutton Switches and Indicators
More results

Similar Description - 2A7

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
05A1 RECTRON-05A1 Datasheet
55Kb / 2P
SURFACE MOUNT SILICON RECTIFIER
logo
Wing Shing Computer Com...
MELFSMA4001 WINGS-MELFSMA4001 Datasheet
220Kb / 2P
SURFACE MOUNT SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
S2A CHONGQING-S2A Datasheet
41Kb / 1P
SURFACE MOUNT SILICON RECTIFIER
S3A CHONGQING-S3A Datasheet
45Kb / 1P
SURFACE MOUNT SILICON RECTIFIER
logo
Rectron Semiconductor
FM4002-W RECTRON-FM4002-W Datasheet
298Kb / 7P
SURFACE MOUNT SILICON RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
M1 WINNERJOIN-M1 Datasheet
140Kb / 2P
SURFACE MOUNT SILICON RECTIFIER
logo
Central Semiconductor C...
CTLR5-06 CENTRAL-CTLR5-06 Datasheet
1Mb / 3P
SURFACE MOUNT SILICON RECTIFIER
logo
DACO SEMICONDUCTOR CO.,...
EM512 DACO-EM512 Datasheet
694Kb / 2P
SURFACE MOUNT SILICON RECTIFIER
EM512A DACO-EM512A Datasheet
694Kb / 2P
SURFACE MOUNT SILICON RECTIFIER
logo
Rectron Semiconductor
SA1V RECTRON-SA1V Datasheet
136Kb / 6P
SURFACE MOUNT SILICON RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com