Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA4 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SA4
Description  SURFACE MOUNT SILICON RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SA4 Datasheet(HTML) 1 Page - Rectron Semiconductor

  SA4 Datasheet HTML 1Page - Rectron Semiconductor SA4 Datasheet HTML 2Page - Rectron Semiconductor SA4 Datasheet HTML 3Page - Rectron Semiconductor SA4 Datasheet HTML 4Page - Rectron Semiconductor SA4 Datasheet HTML 5Page - Rectron Semiconductor SA4 Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
resistive or inductive load.
SA1V
THRU
SA7V
SOD-123F
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
FEATURES
* Ideal for surface mounted applications
* Low leakage current
*Metallurgically bonded construction
*Mounting position: Any
* Weight: 0.016 gram
MECHANICAL DATA
* Epoxy : Device has UL flammability classification 94V-0
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current at TL = 125
oC
Peak Forward Surge Current IFM(surge): 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 1)
Typical Thermal Resistance (Note 3)
Current Squarad Time
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
I
R JA
R JL
FSM
I
2t
CJ
TJ, TSTG
VRMS
Amps
1.0
30
2.5
85
25
30
-55 to + 175
pF
0 C
0 C/W
UNITS
Volts
Volts
SA1
SA3
SA2
SA4
SA6
SA5
SA7
50
100
200
400
600
800
1000
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
Volts
Amps
A
2Sec
8
NOTES : 1. Measured at 1.0 MHz and applied average voltage of 4.0VDC
2018-05
REV:D
CHARACTERISTICS
VF
SYMBOL
IR
1.0
200
uAmps
Maximum Forward Voltage at 1.0A DC
Volts
UNITS
Maximum DC Average Reverse Current at
Rated DC Blocking Voltage
@TA = 25
oC
@TA = 150
oC
SA1
SA3
SA2
SA4
SA6
SA5
SA7
1.0
uAmps
2. “Fully ROHS compliant”, “100% Sn plating (Pb-free)”.
3. Thernal Resistance: Mounted on PCB.
.150 (3.8)
.142 (3.6)
.035 (0.90)
.028 (0.70)
.053 (1.35)
.047 (1.20)
.077 (1.95)
.069 (1.75)
.030 (0.75)
.022 (0.55)
.008 (0.20)
.114 (2.9)
.106 (2.7)
4. Available in Halogen-free epoxy by adding suffix -HF after the part nbr.
SURFACE MOUNT SILICON RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
* P/N suffix V means AEC-Q101 qualified, e.g:SA7V
* P/N suffix V means Halogen-free


Similar Part No. - SA4

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SA4 RECTRON-SA4 Datasheet
314Kb / 4P
SURFACE MOUNT SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
Wing Shing Computer Com...
SA4-15 WINGS-SA4-15 Datasheet
249Kb / 2P
VOLTAGE RANGE - 20 to 80 Volts CURRENT - 1.0 Ampere
logo
Elma Electronic Ltd
SA4-COUNTRY ELMA-SA4-COUNTRY Datasheet
610Kb / 16P
CompactPCI® Serial • PCI Express® Card Adapter
logo
Pan Jit International I...
SA40 PANJIT-SA40 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA40 WTE-SA40 Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SA4

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
05A1 RECTRON-05A1 Datasheet
55Kb / 2P
SURFACE MOUNT SILICON RECTIFIER
logo
Wing Shing Computer Com...
MELFSMA4001 WINGS-MELFSMA4001 Datasheet
220Kb / 2P
SURFACE MOUNT SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
S2A CHONGQING-S2A Datasheet
41Kb / 1P
SURFACE MOUNT SILICON RECTIFIER
S3A CHONGQING-S3A Datasheet
45Kb / 1P
SURFACE MOUNT SILICON RECTIFIER
logo
Rectron Semiconductor
FM4002-W RECTRON-FM4002-W Datasheet
298Kb / 7P
SURFACE MOUNT SILICON RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
M1 WINNERJOIN-M1 Datasheet
140Kb / 2P
SURFACE MOUNT SILICON RECTIFIER
logo
Central Semiconductor C...
CTLR5-06 CENTRAL-CTLR5-06 Datasheet
1Mb / 3P
SURFACE MOUNT SILICON RECTIFIER
logo
DACO SEMICONDUCTOR CO.,...
EM512 DACO-EM512 Datasheet
694Kb / 2P
SURFACE MOUNT SILICON RECTIFIER
EM512A DACO-EM512A Datasheet
694Kb / 2P
SURFACE MOUNT SILICON RECTIFIER
logo
Rectron Semiconductor
2A1 RECTRON-2A1 Datasheet
541Kb / 6P
SURFACE MOUNT SILICON RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com