Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

43AL1 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 43AL1
Description  Digital Panel Meters 43 Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

43AL1 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  43AL1 Datasheet HTML 1Page - M-System Co.,Ltd. 43AL1 Datasheet HTML 2Page - M-System Co.,Ltd. 43AL1 Datasheet HTML 3Page - M-System Co.,Ltd. 43AL1 Datasheet HTML 4Page - M-System Co.,Ltd. 43AL1 Datasheet HTML 5Page - M-System Co.,Ltd. 43AL1 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: 43AL1
43AL1 SPECIFICATIONS
ES-9425 Rev.9 Page 1/6
https://www.m-system.co.jp/
Digital Panel Meters 43 Series
LOOP POWERED DIGITAL PANEL METER
(process meter)
Functions & Features
• Loop powered -1999 to 9999 compact digital meter
• Scaling function
• Screwless spring terminal
24
(.94)
48 (1.89)
58 (2.28)
*
mm (inch)
*42 (1.65) for Terminal Block code "S"
MODEL: 43AL1–[1][2]
ORDERING INFORMATION
• Code number: 43AL1–[1][2]
Specify a code from below for each of [1] and [2].
(e.g. 43AL1-D/UL/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
INPUT
4 – 20 mA DC
[1] TERMINAL BLOCK
S: Screwless spring terminal
D: Separable screwless spring terminal
[2] OPTIONS (multiple selections)
Standards & Approvals
blank: CE marking
/UL: UL approval, CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
Moving parts and indicators are not coated.
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating (UL not available)
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-9425)
GENERAL SPECIFICATIONS
Construction: Panel flush mounting
Connection
Terminal block "S": Screwless spring terminal
Applicable wire size 1.0 to 1.3 mm2, stripped length 8 mm
Terminal block "D": Separable screwless spring terminal
Applicable wire size 1.0 to 1.3 mm2, stripped length 8 mm
Housing material: Flame-resistant resin (gray)
Isolation: Input to FE(Functional Earth)
A/D conversion: Σ – Δ
Sampling rate: 10 times/sec. (100 msec.)
Averaging: None or moving average
Setting: (Front button)
• Scaled range
• Moving average
DISPLAY
Display: 4 digits of 10.2 mm (.4”) height, 7-segment, red
LED
Display range: -1999 to 9999
Scaling range for measurement range: -1999 to 9999
counts
Decimal point position: 10-1, 10-2, 10-3 or none
Zero indication: Higher-digit zeros are suppressed.
Over-range indication: '-1999' or '9999' blinking for display
values out of the display range. 'S.ERR' blinks surpassing
the permissible range.
Engineering unit indication: Sticker label attached
DC, AC, mV, V, kV, μA, mA, A, kA, mW, W,
kW, var, kvar, Mvar, VA, Hz, Ω, kΩ, MΩ,
cm, mm, m, m/sec, mm/min, cm/min, m/min,
m/h, m/s2, inch, ℓ, ℓ/s, ℓ/min, ℓ/h, m3, m3/sec,
m3/min, m3/h, Nm3/h, N·m, N/m2, g, kg, kg/h,
N, kN, Pa, kPa, MPa, t, t/h, ℃, °F, %RH, J,
kJ, MJ, rpm, sec, min, pH, %, ppm, etc.
INPUT SPECIFICATIONS
■ DC Current
Current range: 3.75 to 22 mA DC
Voltage drop: Approx. 3.5 V with 4 mA; approx. 3.7 V with
20 mA (Equivalent input impedance: Approx. 185 Ω)
(Use of the unit causes voltage drop. For 2-wire transmitter,
be sure that the voltage by which 2-wire transmitter can
operate is ensured including the voltage drop by other
devices and wiring resistance.)


Similar Part No. - 43AL1

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
43AL1-B MSYSTEM-43AL1-B Datasheet
131Kb / 4P
Digital Panel Meters 43 Series
43AL1-B-000 MSYSTEM-43AL1-B-000 Datasheet
131Kb / 4P
Digital Panel Meters 43 Series
43AL1-B-000/Q MSYSTEM-43AL1-B-000/Q Datasheet
131Kb / 4P
Digital Panel Meters 43 Series
43AL1-B-000/S MSYSTEM-43AL1-B-000/S Datasheet
131Kb / 4P
Digital Panel Meters 43 Series
43AL1-B-0000 MSYSTEM-43AL1-B-0000 Datasheet
131Kb / 4P
Digital Panel Meters 43 Series
More results

Similar Description - 43AL1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
digital panel meters
logo
M-System Co.,Ltd.
43AL1B MSYSTEM-43AL1B Datasheet
131Kb / 4P
Digital Panel Meters 43 Series
43DV2 MSYSTEM-43DV2 Datasheet
245Kb / 7P
Digital Panel Meters 43 Series
47NLN MSYSTEM-47NLN Datasheet
221Kb / 4P
Digital Panel Meters 47NL Series
47NLNT MSYSTEM-47NLNT Datasheet
176Kb / 5P
Digital Panel Meters 47NL Series
47NLR MSYSTEM-47NLR Datasheet
242Kb / 4P
Digital Panel Meters 47NL Series
47NLRT MSYSTEM-47NLRT Datasheet
187Kb / 4P
Digital Panel Meters 47NL Series
A35 MSYSTEM-A35 Datasheet
90Kb / 2P
Digital Panel Meters 43 Series
47LYV MSYSTEM-47LYV Datasheet
154Kb / 5P
Digital Panel Meters 47 Series
43AL1-B MSYSTEM-43AL1-B Datasheet
131Kb / 4P
Digital Panel Meters 43 Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com