Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM4946FS Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # TM4946FS
Description  Dual N-Channel 60 V (D-S) 175 째C MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

TM4946FS Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  TM4946FS Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd TM4946FS Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd TM4946FS Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd TM4946FS Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd TM4946FS Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd TM4946FS Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd TM4946FS Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd TM4946FS Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd TM4946FS Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Dual N-Channel 60 V (D-S) 175 °C MOSFET
FEATURES
• TrenchFET® power MOSFET
• 100 % Rg and UIS tested
Notes
a. Package limited.
b. Pulse test; pulse width
≤ 300 μs, duty cycle ≤ 2 %.
c. When mounted on 1" square PCB (FR4 material).
PRODUCT SUMMARY
VDS (V)
60
RDS(on) (
Ω) at VGS = 10 V
0.040
RDS(on) (
Ω) at VGS = 4.5 V
0.055
ID (A) per leg
7
Configuration
Dual
Top View
SO-8 Dual
1
S
1
2
G
1
3
S
2
1
2
G
3
S
2
4
G
2
D
1
7
D
2
6
D
2
5
D
1
8
N-Channel MOSFET
G1
D1
S1
N-Channel MOSFET
G2
D2
S2
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
TC = 25 °C
ID
7
A
TC = 125 °C
4
Continuous Source Current (Diode Conduction) a
IS
3.6
Pulsed Drain Current b
IDM
28
Single Pulse Avalanche Current
L = 0.1 mH
IAS
18
Single Pulse Avalanche Energy
EAS
16.2
mJ
Maximum Power Dissipation b
TC = 25 °C
PD
4
W
TC = 125 °C
1.3
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to +175
°C
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-Ambient
PCB Mount c
RthJA
110
°C/W
Junction-to-Foot (Drain)
RthJF
34
TM4946FS
1
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw


Similar Part No. - TM4946FS

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
TM4946GS VBSEMI-TM4946GS Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results

Similar Description - TM4946FS

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SI4946BEY TFUNK-SI4946BEY Datasheet
262Kb / 10P
Dual N-Channel 60-V (D-S) 175 째C MOSFET
logo
VBsemi Electronics Co.,...
9904SS VBSEMI-9904SS Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
9962GM VBSEMI-9962GM Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
9962M VBSEMI-9962M Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
9962AGM-HF VBSEMI-9962AGM-HF Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
AF9945NSLA VBSEMI-AF9945NSLA Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
AM4960N-T1-PF VBSEMI-AM4960N-T1-PF Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
MDS5951URH VBSEMI-MDS5951URH Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
SSG9904 VBSEMI-SSG9904 Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
STS3DNE60L VBSEMI-STS3DNE60L Datasheet
990Kb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com