Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CBC
Description  Thin Film Binary MOS Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CBC Datasheet(HTML) 2 Page - Vishay Siliconix

  CBC Datasheet HTML 1Page - Vishay Siliconix CBC Datasheet HTML 2Page - Vishay Siliconix CBC Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CBB, CBC
www.vishay.com
Vishay Electro-Films
Revision: 24-Sep-13
2
Document Number: 61042
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CONFIGURATIONS in inches
SCHEMATIC
MECHANICAL SPECIFICATIONS
PARAMETER
VALUE
Chip Size,
CBB
0.019" x 0.048" ± 0.002" (0.48 mm x 1.2 mm ± 0.05 mm)
CBC
0.044" x 0.044" ± 0.002" (1.1 mm x 1.1 mm ± 0.05 mm)
Chip Thickness
0.010" ± 0.002" (0.254 mm ± 0.05 mm)
Chip Substrate Material
Semiconductor silicon
Dielectric
Silicon dioxide (MOS)
Bonding Pads
10 kÅ minimum aluminum (Au optional)
Backing
3 kÅ minimum gold
GLOBAL PART NUMBER INFORMATION
Global Part Number: CBB3100BLGKWS
Global Part Number Description: CBB 31 pF 25 % Au K WS
MODEL
SIZE
CAPACITANCE
(pF)
CAPACITANCE
MULTIPLIER
CODE
TOLERANCE
CODE
TERMINATION
VISUAL
CLASS
PACKAGING
CODE
CB
Binary
Capacitor
B = 19 x 48
C = 44 x 44
First 4 digits
are significant
figures of
capacitance
C = 0.001
B = 0.01
K = 10 %
M = 20 %
L = 25 %
G = Au
A = Al
H = Class H
K = Class K
WS = Waffle
pack, 100 min.,
1 mult
0.009
0.040
0.020
0.018
0.0124
0.044
12 pF
24 pF
49 pF
CBC
0.003
0.009
0.029
0.018
3 pF
6 pF
0.008
0.048
0.004
0.0075
0.00375
0.004 0.004
0.015
0.019
0.016
1 pF
2 pF
4 pF
8 pF
16 pF
CBB
TOP BONDING PADS
3 pF
6 pF
12 pF
24 pF
Back of chip
48 pF
TOP BONDING PADS
1 pF
2 pF
4 pF
8 pF
Back of chip
16 pF
100
B
L
B
B
C
3
GK
WS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com