Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS291 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS291
Description  Triple PLL Field Prog. Spread Spectrum Clock Synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS291 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS291 Datasheet HTML 1Page - Integrated Circuit Systems ICS291 Datasheet HTML 2Page - Integrated Circuit Systems ICS291 Datasheet HTML 3Page - Integrated Circuit Systems ICS291 Datasheet HTML 4Page - Integrated Circuit Systems ICS291 Datasheet HTML 5Page - Integrated Circuit Systems ICS291 Datasheet HTML 6Page - Integrated Circuit Systems ICS291 Datasheet HTML 7Page - Integrated Circuit Systems ICS291 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Triple PLL Field Prog. Spread Spectrum Clock Synthesizer
MDS 291 C
5
Revision 062205
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS291
PRELIMINARY INFORMATION
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature -40 to +85
°C
Note 1: Example with 25 MHz crystal input with six outputs of 33.3 MHz, no load, and VDD = 3.3 V.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.135
3.465
V
VDDO Voltage
VDDO1 and VDDO2
1.80
VDD
V
Operating Supply Current
IDD
Config. Dependent - See
VersaClockTM Estimates
mA
Six 33.3333 MHz outs,
VDD=VDDO=3.3 V;
PDTS = 1, no load, Note 1
25
mA
PDTS = 0, no load
500
µA
Input High Voltage
VIH
S2:S0
VDD/2+1
V
Input Low Voltage
VIL
S2:S0
0.4
V
Input High Voltage, PDTS
VIH
VDD-0.5
V
Input Low Voltage, PDTS
VIL
0.4
V
Input High Voltage
VIH
ICLK
VDD/2+1
V
Input Low Voltage
VIL
ICLK
VDD/2-1
V
Output High Voltage
(CMOS High)
VOH
IOH = -4 mA
VDD-0.4
V
Output High Voltage
VOH
IOH = -8 mA (Low Drive);
IOH = -12 mA (High Drive)
2.4
VDDO-0.4
V
Output Low Voltage
VOL
IOL = 8 mA (Low Drive);
IOL = 12 mA (High Drive)
0.4
V
Short Circuit Current
IOS
Low Drive
±40
mA
High Drive
±70
Nom. Output Impedance
ZO
20
Internal Pull-up Resistor
RPUS
S2:S0, PDTS
190
k
Internal Pull-down
Resistor
RPD
CLK outputs
120
k
Input Capacitance
CIN
Inputs
4
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com