Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC848C Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # BC848C
Description  Ideally suited for automatic insertion
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BC848C Datasheet(HTML) 2 Page - Rectron Semiconductor

  BC848C Datasheet HTML 1Page - Rectron Semiconductor BC848C Datasheet HTML 2Page - Rectron Semiconductor BC848C Datasheet HTML 3Page - Rectron Semiconductor BC848C Datasheet HTML 4Page - Rectron Semiconductor BC848C Datasheet HTML 5Page - Rectron Semiconductor BC848C Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ELECTRICAL CHARACTERISTICS (T =25
℃ unless otherwise specified)
Parameter
Symbol
T est conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
BC846
BC847
BC848
VCBO
IC= 10μA, IE=0
80
50
30
V
Collector-emitter breakdown voltage
BC846
BC847
BC848
VCEO
IC= 10mA, IB=0
65
45
30
V
Emitter-base breakdown voltage
VEBO
IE= 10μA, IC=0
6
V
Collector cut-off current
BC846
BC847
BC848
ICBO
VCB=70 V , IE=0
VCB=50 V , IE=0
VCB=30 V , IE=0
0.1
μA
Collector cut-off current
BC846
BC847
BC848
ICEO
VCE=60 V , IB=0
VCE=45 V , IB=0
VCE=30 V , IB=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5 V , IC=0
0.1
μA
DC current gain
BC846A,847A,848A
BC846B,847B,848B
BC847C,BC848C
hFE
VCE= 5V, IC= 2mA
110
200
420
220
450
800
Collector-emitter saturation voltage
VCE(sat)
IC=100mA, I B= 5mA
0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=100mA, IB = 5mA
1.1
V
Transition frequency
fT
VCE= 5 V, IC= 10mA
f=100MHz
100
MHz
Collector output capacitance
Cob
VCB=10V,f=1MHz
4.5
pF
1
10
100
10
100
1000
01
23
45
67
0
2
4
6
8
10
3000
I
C
h
FE
——
T
a
=100
T
a
=25
COLLECTOR CURRENT
I
C
(mA)
COMMON EMITTER
V
CE
= 5V
Static Characteristic
COMMON
EMITTER
T
a
=25
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
20uA
18uA
16uA
14uA
12uA
10uA
4uA
6uA
8uA
I
B
=2uA
(BC846V THRU BC848V )
RATING AND CHARACTERISTICS CURVES



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com