Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC536MS8GETR Datasheet(PDF) 2 Page - Analog Devices

Part # HMC536MS8GETR
Description  GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC536MS8GETR Datasheet(HTML) 2 Page - Analog Devices

  HMC536MS8GETR Datasheet HTML 1Page - Analog Devices HMC536MS8GETR Datasheet HTML 2Page - Analog Devices HMC536MS8GETR Datasheet HTML 3Page - Analog Devices HMC536MS8GETR Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
2
HMC536MS8G / 536MS8GE
v04.0320
GaAs MMIC POSITIVE CONTROL
T/R SWITCH, DC - 6 GHz
-2
-1.5
-1
-0.5
0
0123456
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
0123456
RF1
RF2
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
0123456
RFC
RF1
RF2
FREQUENCY (GHz)
Return Loss
Insertion Loss
Isolation Between
Ports RFC and RF1 / RF2
26
28
30
32
34
36
38
40
0123456
5V
3V
FREQUENCY (GHz)
Input 0.1 dB Compression Point
40
44
48
52
56
60
64
0123456
+25C
+85C
-40C
FREQUENCY (GHz)
Input Third Order
Intercept Point, Vctl = 3v
Isolation Between Ports RF1 and RF2
-40
-35
-30
-25
-20
-15
-10
-5
0
0123456
FREQUENCY (GHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com