Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST9014 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # ST9014
Description  TRANSISTOR (NPN)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

ST9014 Datasheet(HTML) 1 Page - Rectron Semiconductor

  ST9014 Datasheet HTML 1Page - Rectron Semiconductor ST9014 Datasheet HTML 2Page - Rectron Semiconductor ST9014 Datasheet HTML 3Page - Rectron Semiconductor ST9014 Datasheet HTML 4Page - Rectron Semiconductor ST9014 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VCBO
50
V
VCEO
45
V
VEBO
5
V
ICM
0.1
A
PD
0.45
W
TJ
150
Tstg
-55~150
FEATURES
Complementary to ST9015
MARKING: J6
MAXIMUM RATINGS (Ta=25
unless otherwise noted)
Symbol
Parameter
Value
Unit
TRANSISTOR (NPN)
SOT-89-3L
Collector-Base Voltage
Collector-Emitter Voltage
Emitter-Base Voltage
Collector Current
Junction Temperature
Storage Temperature
Power Dissipation
1. BASE
2. COLLECTOR
3. EMITTER
1
2
3
ST9014
2019-06/08
REV:O
BVEBO
IE=100uA IC=0
5V
BVCBO
IC=100uA IE=0
50
V
BVCEO
IC=100uA IB=0
45
V
IEBO
VEB=5V IC=0
0.1
uA
ICBO
VCB=40V IE=0
0.1
uA
ICEO
VCE=40V IB=0
0.1
uA
VCESAT
IC=100mA IB=5mA
0.3
V
VBESAT
IC=100mA IB=5mA
1V
hfe
VCE=5V IC=1mA
300
400
fT
VCE=5V IC=10m A
F=30MHZ
150
MHZ
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cut-off current
Collector cut-off current
Emitter cut-off current
DC current gain
Collector-emitter saturation voltage
Base-emitter saturation voltage
Transition frequency
Symbol
Test conditions
Min
Max
Unit


Similar Part No. - ST9014

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ST9014 SEMTECH_ELEC-ST9014 Datasheet
298Kb / 5P
NPN Silicon Epitaxial Planar Transistor
More results

Similar Description - ST9014

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com