Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCRH1035R Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SCRH1035R
Description  SMD POWER INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SCRH1035R Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SCRH1035R Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCRH1035R
149
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Magnetically shielded construction
2 Excellent Power Density
3 Engineered to Provide High Efficiency
ELECTRICAL CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SCRH1035R-1R5
1.5
100KHZ
10m
8.10
7.69
SCRH1035R-2R2
2.2
100KHZ
15m
8.00
7.60
SCRH1035R-3R3
3.3
100KHZ
20m
7.00
7.00
SCRH1035R-4R7
4.7
100KHZ
30m
4.10
4.10
SCRH1035R-5R6
5.6
100KHZ
33m
4.00
4.00
SCRH1035R-6R8
6.8
100KHZ
41m
3.80
3.80
SCRH1035R-100
10
100KHZ
69m
3.40
3.00
SCRH1035R-120
12
100KHZ
82m
3.20
2.85
SCRH1035R-150
15
100KHZ
94m
2.70
2.70
SCRH1035R-180
18
100KHZ
104m
2.60
2.40
SCRH1035R-220
22
100KHZ
119m
2.56
2.20
SCRH1035R-270
27
100KHZ
137m
2.00
1.80
SCRH1035R-330
33
100KHZ
162m
1.90
1.70
SCRH1035R-390
39
100KHZ
184m
1.60
1.60
SCRH1035R-470
47
100KHZ
218m
1.40
1.52
SCRH1035R-560
56
100KHZ
248m
1.35
1.35
SCRH1035R-680
68
100KHZ
268m
1.30
1.30
SCRH1035R-820
82
100KHZ
337m
1.28
1.28
SCRH1035R-101
100
100KHZ
450m
1.20
1.08
SCRH1035R-121
120
100KHZ
504m
1.10
1.00
SCRH1035R-151
150
100KHZ
637m
0.90
0.81
SCRH1035R-181
180
100KHZ
760m
0.85
0.77
SCRH1035R-221
220
100KHZ
880m
0.70
0.73
SCRH1035R-271
270
100KHZ
1.19
0.65
0.60
SCRH1035R-331
330
100KHZ
1.48
0.60
0.51
SCRH1035R-391
390
100KHZ
1.79
0.58
0.45
SCRH1035R-471
470
100KHZ
2.22
0.50
0.50
(1). Inductance tolerance
±30% tested at 0.25V, 0ADC and 25℃
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 35% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ambient.
XXX
MARKING
(3)
(4)
10
100
1000
10
100
1000
BCRH1035R I nduct ance decrease by current
10000
DC current (mA)
1
0. 1
100000
471
390
1R5
BCRH1035R Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
50
70
40
60
30
20
10
4000
6000
1000 2000 3000
7000
5000
8000
0
9000 10000 11000
471
390
1R5
SCRH1035R Inductance decrease by current
DC current (mA)
DC current (mA)
SCRH1035R Temperature rise by current
Custom versions available upon request.
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SCRH1035R

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SCRH103R BEL-SCRH103R Datasheet
759Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH103R-100 BEL-SCRH103R-100 Datasheet
759Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH103R-101 BEL-SCRH103R-101 Datasheet
759Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH103R-120 BEL-SCRH103R-120 Datasheet
759Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH103R-121 BEL-SCRH103R-121 Datasheet
759Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results

Similar Description - SCRH1035R

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
SMD POWER INDUCTORS
logo
Bourns Electronic Solut...
SDR1305 BOURNS-SDR1305 Datasheet
207Kb / 2P
SMD Power Inductors
logo
Superworld Electronics
PDB1011 SUPERWORLD-PDB1011 Datasheet
496Kb / 6P
SMD POWER INDUCTORS
SPC5010FT SUPERWORLD-SPC5010FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPC5020FT SUPERWORLD-SPC5020FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPH4018FT SUPERWORLD-SPH4018FT Datasheet
236Kb / 5P
SMD POWER INDUCTORS
SPI4015 SUPERWORLD-SPI4015 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
SPI4018 SUPERWORLD-SPI4018 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com