Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDHV Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CDHV
Description  Thick Film Chip Dividers, High Voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CDHV Datasheet(HTML) 2 Page - Vishay Siliconix

  CDHV Datasheet HTML 1Page - Vishay Siliconix CDHV Datasheet HTML 2Page - Vishay Siliconix CDHV Datasheet HTML 3Page - Vishay Siliconix CDHV Datasheet HTML 4Page - Vishay Siliconix CDHV Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CDHV
www.vishay.com
Vishay Techno
Revision: 19-May-2021
2
Document Number: 68020
For technical questions, contact: te1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• For additional information on packaging, refer to the “Surface Mount Resistor Packaging” document (www.vishay.com/doc?31543)
Note
• Reference only: not for all values specified. Consult factory for your size and value
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: CDHVAF20M0J2500GFB (preferred part number format)
GLOBAL
MODEL
TERM
STYLE
TERM
MATERIAL
RESISTANCE
VALUE (R1)
TOLERANCE
RATIO
(R1 + R2) / R2
RATIO
TOLERANCE
SOLDER
TERMINATION
PACKAGING
CDHV =
CDHV2512
A =
3-sided
B = top
only
F = nickel barrier
G = non-magnetic
A = palladium
silver
B = platinum gold
C = gold
D = platinum
silver
E = platinum
palladium gold
M = M
Ω
G = G
Ω
20M0 = 20 M
Ω
800M = 800 M
Ω
1G00 = 1 G
Ω
F = ± 1 %
G = ± 2 %
J = ± 5 %
K = ± 10 %
M = ± 20 %
3 digit
significant
figure, followed
by a multiplier
0500 = 50:1
2500 = 250:1
3000 = 300:1
5000 = 500:1
G = ± 2 %
H = ± 3 %
J = ± 5 %
E = Sn100
F = Sn95/Ag5,
HSD
N = no solder
S = Sn62 /
Pb36 / Ag2,
HSD
T = Sn90 / Pb10
B = bulk
(250 pcs max.)
F = T / R
(full reel)
1 = T / R
(1000 pcs)
5 = T / R
(500 pcs)
T = T / R
(250 pcs min.)
W =
waffle tray
Historical Part Numbering: CDHV2512AF2005J2500Ge2 (will continue to be accepted)
CDHV2512
A
F
2005
J
2500
G
e2
HISTORICAL
MODEL
TERM
STYLE
TERM
MATERIAL
RESISTANCE
VALUE (R1)
TOLERANCE
RATIO
(R1 + R2) / R2
RATIO
TOLERANCE
SOLDER
TERMINATION
MATERIAL SPECIFICATIONS
Resistive element
Ruthenium oxide
Encapsulation
Glass
Substrate
96 % alumina
Termination
Solder-coated nickel barrier or solder coated non-magnetic terminations standard.
Gold, palladium silver, platinum gold, platinum silver, platinum palladium gold terminations available.
Solder finish
Pure tin or tin / lead solder alloys standard. Tin / silver or tin / lead / silver solder alloys available.
ENVIRONMENTAL SPECIFICATIONS
Operating temperature
-55 °C to +155 °C
Life
Less than 0.5 % change when tested at full rated power
VA
F
2
M0
J
0
DH
250
B
C
G
0
F



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com