Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGS25 Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # LGS25
Description  Light grid
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

LGS25 Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  LGS25 Datasheet HTML 1Page - Pepperl+Fuchs Inc. LGS25 Datasheet HTML 2Page - Pepperl+Fuchs Inc. LGS25 Datasheet HTML 3Page - Pepperl+Fuchs Inc. LGS25 Datasheet HTML 4Page - Pepperl+Fuchs Inc. LGS25 Datasheet HTML 5Page - Pepperl+Fuchs Inc. LGS25 Datasheet HTML 6Page - Pepperl+Fuchs Inc. LGS25 Datasheet HTML 7Page - Pepperl+Fuchs Inc. LGS25 Datasheet HTML 8Page - Pepperl+Fuchs Inc. LGS25 Datasheet HTML 9Page - Pepperl+Fuchs Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Technical Data
Optical face
Plastic pane , Polycarbonate
Mass
see Table 1, max. 1750 g (per profile)
Cable length
max. 30 m
Connection Assignment
2
1
3
4
+UB
0 V
Transmitter
Test
Range
Receiver
3
2
1
4
5
6
7
SC
H1
+UB
H2
H3
8
C/Q
Teach-In
0V
Connection Assignment
1
3
4
2
1
4
6
7
8
5
3
2
Assembly
7
6
5
4
2
1
11
10
9
8
12
3
1 Menu button
yellow
7
Height checking 3
yellow
2 Operating indicator green
8 Object floating
yellow
3 Status display
yellow
9
Crossing
yellow
4 Q object
yellow
10 Peripheral beam tolerance yellow
5 Height checking 1
yellow
11 2nd level
yellow
6 Height checking 2
yellow
12 OK button
yellow
2nd level: Beam collimation, inverse mode,
light-on/dark-on switching, reset factory setting,
signal tracking
Light grid
LGS25
4
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com