Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SVPD Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SVPD
Description  SMD Aluminum Solid Capacitors with Conductive Polymer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SVPD Datasheet(HTML) 1 Page - Vishay Siliconix

  SVPD Datasheet HTML 1Page - Vishay Siliconix SVPD Datasheet HTML 2Page - Vishay Siliconix SVPD Datasheet HTML 3Page - Vishay Siliconix SVPD Datasheet HTML 4Page - Vishay Siliconix SVPD Datasheet HTML 5Page - Vishay Siliconix SVPD Datasheet HTML 6Page - Vishay Siliconix SVPD Datasheet HTML 7Page - Vishay Siliconix SVPD Datasheet HTML 8Page - Vishay Siliconix SVPD Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
94SVPD
www.vishay.com
Vishay OS-CON
Revision: 03-Aug-12
1
Document Number: 90022
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SMD Aluminum Solid Capacitors with Conductive Polymer
FEATURES
• New
OS-CON
94SVPD
series
provides
improved characteristics with up to 125 °C
temperature capability and 35 V maximum
voltage rating in a SMD package
• Improved damp heat (steady state) 85 °C x 85 %
RH performance
• Suitable for use in smoothing circuits of vehicle-mounted
equipment, industrial equipment, etc.
• This product can support lead (Pb)-free reflow (2)
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Notes
(1) If any doubt arises, measure the current after applying voltage (voltage treatment). Voltage treatment: The rated voltage is applied (10 V to
35 V) for 120 min at 125 ºC.
(2) Refer to “Recommended Reflow Profile” for maximum temperatures.
QUICK REFERENCE DATA
DESCRIPTION
CONDITIONS
VALUE
Operating temperature range
-
- 55 °C to + 125 °C
Capacitance tolerance
120 Hz
M: ± 20 %
Tangent of loss angle (tan
)
120 Hz
 values in Electrical Data and Ordering Information table
Leakage current (μA/2 min) (or less) (1)
After 2 min
 values in Electrical Data and Ordering Information table
ESR
-
 values in Electrical Data and Ordering Information table
Characteristics of impedance ratio
at high and low temperature
100 kHz, + 20 °C
- 55 °C
Z/Z20 °C
0.75 to 1.25
+ 125 °C
Z/Z20 °C
0.75 to 1.0
Endurance
+ 125 °C, 2000 h
rated voltage applied
C/C
Within ± 20 %
tan
2 x or < than an initial standard
ESR
2 x or < than an initial standard
Leakage current
Below an initial standard
Damp heat (steady state)
+ 85 °C, 85 % to 90 % RH,
1000 h
rated voltage applied
C/C
Within ± 20 %
tan
2 x or < than an initial standard
ESR
2 x or < than an initial standard
Leakage current
Below an initial standard
Solder heat resistance (2)
(VPS)
(230 °C x 75 s)
C/C
Within ± 10 %
tan
1.3 x or < than an initial standard
ESR
1.3 x or < than an initial standard
Leakage current
Below an initial standard
(after voltage procesing)
DIMENSIONS in millimeters
SIZE CODE
Ø D ± 0.5
L + 0.1/- 0.4
W ± 0.2
H ± 0.2
C ± 0.2
R
P ± 0.2
C6
6.3
5.9
6.6
6.6
7.3
0.6 to 0.8
2.1
E7
8.0
6.9
8.3
8.3
9.0
0.6 to 0.8
3.2
F8
10.0
7.9
10.3
10.3
11.0
0.6 to 0.8
4.6
E12
8.0
11.9
8.3
8.3
9.0
0.8 to 1.1
3.2
F12
10.0
12.6
10.3
10.3
11.0
0.8 to 1.1
4.6
L
R
W
003
SVPD
47
35
Series
Rated capacitance
Rated voltage
C6 size is PD
E7, F8, E12, F12
size is SVPD
Polarity marking (Cathode)
Case No.
0.2 max.
(+)


Similar Part No. - SVPD

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
SVP PANASONICBATTERY-SVP Datasheet
273Kb / 1P
Aluminum-Polymer Solid Capacitors
logo
Pro-Signal
SVP676-1M PROSIGNAL-SVP676-1M Datasheet
24Kb / 1P
Microphone Lead
SVP676-3M PROSIGNAL-SVP676-3M Datasheet
24Kb / 1P
Microphone Lead
logo
Panasonic Battery Group
SVPC PANASONICBATTERY-SVPC Datasheet
76Kb / 2P
RoHS directive Halogen-Free Compliant
SVPE PANASONICBATTERY-SVPE Datasheet
273Kb / 1P
Aluminum-Polymer Solid Capacitors
More results

Similar Description - SVPD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
94SVP VISHAY-94SVP_12 Datasheet
84Kb / 4P
SMD Aluminum Solid Capacitors with Conductive Polymer
28-Aug-12
94SVPD VISHAY-94SVPD Datasheet
157Kb / 13P
SMD Aluminum Solid Capacitors with Conductive Polymer
03-Aug-12
logo
List of Unclassifed Man...
APSA6R3ELL681MJB5S ETC2-APSA6R3ELL681MJB5S Datasheet
43Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Vishay Siliconix
94SVPD VISHAY-94SVPD_15 Datasheet
147Kb / 13P
SMD Aluminum Solid Capacitors with Conductive Polymer
03-Aug-12
logo
United Chemi-Con, Inc.
APSA100ELL470 CHEMI-CON-APSA100ELL470 Datasheet
37Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSC160ELL331 CHEMI-CON-APSC160ELL331 Datasheet
303Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSK2R5ELL561 CHEMI-CON-APSK2R5ELL561 Datasheet
294Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
63SXV33M PANASONIC-63SXV33M Datasheet
48Kb / 1P
Conductive Polymer Aluminum Solid Capacitors ?
2R5SVT560M PANASONIC-2R5SVT560M Datasheet
542Kb / 7P
Conductive Polymer Aluminum Solid Capacitors
SVPE PANASONIC-SVPE_V01 Datasheet
1Mb / 7P
Conductive Polymer Aluminum Solid Capacitors
01-Apr-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com