Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

38GD1000 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 38GD1000
Description  Axial Vitreous Leaded Wirewound Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

38GD1000 Datasheet(HTML) 2 Page - Vishay Siliconix

  38GD1000 Datasheet HTML 1Page - Vishay Siliconix 38GD1000 Datasheet HTML 2Page - Vishay Siliconix 38GD1000 Datasheet HTML 3Page - Vishay Siliconix 38GD1000 Datasheet HTML 4Page - Vishay Siliconix 38GD1000 Datasheet HTML 5Page - Vishay Siliconix 38GD1000 Datasheet HTML 6Page - Vishay Siliconix 38GD1000 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
G200
www.vishay.com
Vishay Draloric
Revision: 28-Mar-17
2
Document Number: 21002
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Width is the nominal spacing between tapes, with the nominal tape width on both sides being 6 mm, and pitch is the nominal standard
spacing between components; tolerances apply according to IEC 60286-1
• On reels, the flanges are regular octagons with a span of 250 mm, and the arbor hole is Ø 20 mm
Note
• The products can be ordered using either the PRODUCT DESCRIPTION or the PART NUMBER
PACKAGING
TYPE
CODE
DESCRIPTION
QUANTITY
PACKAGING STYLE
WIDTH
PITCH
PACKAGING DIMENSIONS
G202
2C
AC G53
500
Taped acc. IEC 60286-1,
fan-folded in a box
53 mm
10 mm
324 mm x 82 mm x 49 mm
4C
AC G73
500
73 mm
10 mm
324 mm x 101 mm x 49 mm
D1
R1 R53
1000
Taped acc. IEC 60286-1,
on a reel
53 mm
10 mm
Ø 271 mm x 88 mm
F1
R1 R73
1000
73 mm
10 mm
Ø 271 mm x 108 mm
G204
4B
AB G73
250
Taped acc. IEC 60286-1,
fan-folded in a box
73 mm
10 mm
324 mm x 101 mm x 49 mm
7B
AB G88
250
88 mm
10 mm
324 mm x 111 mm x 75 mm
FC
RC R73
500
Taped acc. IEC 60286-1,
on a reel
73 mm
10 mm
Ø 271 mm x 108 mm
IC
RC R88
500
88 mm
10 mm
Ø 271 mm x 118 mm
G206
LA
LA
100
Bulk
-
-
225 mm x 140 mm x 70 mm
G207
LA
LA
100
-
-
225 mm x 140 mm x 70 mm
PART NUMBER AND PRODUCT DESCRIPTION
PART NUMBER: G24071933902J4B000
TYPE
VARIANT
RESISTANCE
TOLERANCE
PACKAGING
SPECIAL
G220414 = G202
G240719 = G204
G260933 = G206
G270947 = G207
3 =
+100 ppm/K to
+180 ppm/K
3 digit value
1 digit multiplier
MULTIPLIER
7 = *10-3
8 = *10-2
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
G = ± 2 %
J = ± 5 %
K = ± 10 %
2C
4C
D1
F1
4B
7B
FC
IC
LA
000 = standard
3 digit code =
customized
version
PRODUCT DESCRIPTION: G204 39K 5 % AB G73
G204
39K
5 %
AB G73
TYPE
RESISTANCE
TOLERANCE
PACKAGING
G202
G204
G206
G207
1R2 = 1.2
12K = 12 k
± 2 %
± 5 %
± 10 %
AC G..
R1 R..
AB G..
RC R..
LA
47
3
3
9
2
4
B
00
2
G
90
J0
1
0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com