Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLSH2H5BD Datasheet(PDF) 1 Page - Schneider Electric

Part # VLSH2H5BD
Description  Disconnect switch, TeSys VLS, protruding rotary handle, hole mounting, 65x65 mm, black handle, 5 mm shaft, defeatable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

VLSH2H5BD Datasheet(HTML) 1 Page - Schneider Electric

  VLSH2H5BD Datasheet HTML 1Page - Schneider Electric VLSH2H5BD Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
VLSH2H5BD
Disconnect switch, TeSys VLS, protruding rotary
handle, hole mounting, 65x65 mm, black handle,
5 mm shaft, defeatable
Product availability : Stock - Normally stocked in distribution facility
Price* : 61.89 USD
Main
Range
TeSys
Device short name
VLSH
Product or component type
Rotary handle
Range compatibility
TeSys VARIO LS VLS3P
Handle colour
Black
Handle front plate colour
Grey
Rotary handle padlocking
1 to 3 padlocks 0.16…0.31 in (4…8 mm)
Marking
0 - 1
Complementary
Fixing mode
Hole 0.89 in (22.5 mm)
Tightening torque
20.36 lbf.in (2.3 N.m)
Base dimension
65 x 65 mm
Height
2.56 in (65 mm)
Width
2.56 in (65 mm)
Depth
2.85 in (72.5 mm)
Net Weight
0.14 lb(US) (0.064 kg)
Environment
IP degree of protection
IP65
NEMA degree of protection
NEMA 1
NEMA 2 UL 508
NEMA 3R UL 508
NEMA 4 UL 508
NEMA 4X UL 508
NEMA 12 UL 508
NEMA 12K UL 508
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jul 18, 2021
1


Similar Part No. - VLSH2H5BD

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VLSH2H5BD SCHNEIDER-VLSH2H5BD Datasheet
148Kb / 2P
Disconnect switch, TeSys VLS, protruding rotary handle, hole mounting, 65x65 mm, black handle, 5 mm shaft, defeatable
Jun 27, 2022
VLSH2H5BD SCHNEIDER-VLSH2H5BD_V01 Datasheet
148Kb / 2P
Disconnect switch, TeSys VLS, protruding rotary handle, hole mounting, 65x65 mm, black handle, 5 mm shaft, defeatable
Jun 27, 2022
More results

Similar Description - VLSH2H5BD

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VLSH4S5B SCHNEIDER-VLSH4S5B Datasheet
174Kb / 2P
Disconnect switch, TeSys VLS, protruding rotary handle, screw mounting, 48x48 mm, black handle, 5 mm shaft
Jul 18, 2021
VLSH2S5BC SCHNEIDER-VLSH2S5BC Datasheet
159Kb / 2P
Disconnect switch, TeSys VLS, protruding rotary handle, screw mounting, 65x65 mm, black handle, 5 mm shaft, changeover
Jul 18, 2021
VLSH2S5B SCHNEIDER-VLSH2S5B Datasheet
160Kb / 2P
Disconnect switch, TeSys VLS, protruding rotary handle, screw mounting, 65x65 mm, black handle, 5 mm shaft
Jul 18, 2021
VLSH2H5RD SCHNEIDER-VLSH2H5RD Datasheet
182Kb / 2P
Disconnect switch, TeSys VLS, protruding rotary handle, hole mounting, 65x65mm, red handle, 5mm shaft, defeatable
Jul 18, 2021
VLSH1S5B SCHNEIDER-VLSH1S5B Datasheet
132Kb / 2P
Disconnect switch, TeSys VLS, recessed rotary handle, screw mounting, 65x65 mm, black handle, 5 mm shaft
Jul 18, 2021
VLSH1S5B SCHNEIDER-VLSH1S5B_V01 Datasheet
145Kb / 2P
Disconnect switch, TeSys VLS, recessed rotary handle, screw mounting, 65x65 mm, black handle, 5 mm shaft
Jun 27, 2022
VLSH2H5BD SCHNEIDER-VLSH2H5BD_V01 Datasheet
148Kb / 2P
Disconnect switch, TeSys VLS, protruding rotary handle, hole mounting, 65x65 mm, black handle, 5 mm shaft, defeatable
Jun 27, 2022
VLSH2S5BC SCHNEIDER-VLSH2S5BC_V01 Datasheet
171Kb / 2P
Disconnect switch, TeSys VLS, protruding rotary handle, screw mounting, 65x65 mm, black handle, 5 mm shaft, changeover
Jun 27, 2022
VLSH2S5B SCHNEIDER-VLSH2S5B_V01 Datasheet
172Kb / 2P
Disconnect switch, TeSys VLS, protruding rotary handle, screw mounting, 65x65 mm, black handle, 5 mm shaft
Jun 27, 2022
VLSH4S5B SCHNEIDER-VLSH4S5B_V01 Datasheet
187Kb / 2P
Disconnect switch, TeSys VLS, protruding rotary handle, screw mounting, 48x48 mm, black handle, 5 mm shaft
Jun 27, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com