Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDH Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MMDH
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MMDH Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MMDH Datasheet HTML 1Page - M-System Co.,Ltd. MMDH Datasheet HTML 2Page - M-System Co.,Ltd. MMDH Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: MMDH
http://www.m-system.co.jp/
MMDH SPECIFICATIONS
ES-8185 Rev.1 Page 2/3
CONNECTION EXAMPLES
CURRENT LOOP SUPPLY
(protected device)
2-WIRE TRANSMITTER
(protected device)
M-RESTER
IN
M-RESTER
CENTRAL
STATION
FIELD
PANEL
GROUNDING
PANEL
GROUNDING
G
FROM
FIELD
TO
CENTRAL
STATION
+
P2
P1
S2
S1
P2
P1
S2
S1
CABLE
G
G
+
GROUNDING
M-RESTER
PROTECTED
EQUIPMENT
G
G
CROSSOVER WIRE
GROUNDING
(100 ohms or less)
A crossover wire between M-RESTER ground and ground or metallic
housing of equipment is required for protection.
If the protected equipment has no ground terminal, ground the
M-RESTER only.
DIMENSIONS unit: mm (inch)
110 (4.33)
18 (.71)
45 (1.77)
57 (2.24)
65 (2.56)
S1
S2
G
P1
P2
4–4 (.16) dia.
SURGE SIDE
PROTECT SIDE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com