Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP4D Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MSP4D
Description  Final Control Elements
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MSP4D Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MSP4D Datasheet HTML 1Page - M-System Co.,Ltd. MSP4D Datasheet HTML 2Page - M-System Co.,Ltd. MSP4D Datasheet HTML 3Page - M-System Co.,Ltd. MSP4D Datasheet HTML 4Page - M-System Co.,Ltd. MSP4D Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: MSP4D
MSP4D SPECIFICATIONS
ES-4803 Rev.8 Page 3/5
http://www.m-system.co.jp/
COMMUNICATIONS
ITEM
ACCESS FUNCTION
RANGE
Remote/Local
Get
0 : Remote
Shows the switch position on the control circuit board of the actuator.
(communication)
No control over the communications network available when the
1 : Local (manual)
switch is set to Manual.
RunEnable
Set / Get Start Running
0 : Stop
“Input as Target,” “ForcedRetracting” and “ForcedExtending” enabled
1 : Start
when this signal is set to “1.”
Input as Target
Set / Get Target Position Input
Range: -50 to 10050
The set value equal to the output stem position setpoint if no scaling
(×0.01%);
is performed. The setting is overridden if “ForcedRetracting” or
0.1% resolution; lesser
“ForcedExtending” is ON.
digits are disregarded.
Present Position
Get
Position Output
Range: -50 to 10050
0% = Extended; 100% = Retracted
(×0.01%)
These relations do not change by “Direction” setting.
Allowable DEVN
Get
Position Achieved
0 : Out of deadband
“1” is output when the output stem is inside the deadband.
1 : Stable within
deadband
DeadBand
Set / Get Set Deadband
Range: 10 to 1000
Deadband is adjustable from 0.1 to 9.9%, in 0.2% increments such as
Default: 50 (×0.01%)
0.1, 0.3, 0.5, .... 9.7 and 9.9%. Fractions are dropped.
RestartLMTG TMR Set / Get Restart Limiting Timer
Range: 0 to 255
The output stem does not restart before the set time once it is stopped.
Default: 0 (×0.1 sec.)
Forced Retracting
Set
Forced Positioning Input
0 : OFF
Output stem forced to the position specified with “ForcedRETR End.”
1 : ON
“Input as Target” setting is overridden.
Default: 0
Forced Extending
Set
Forced Positioning Input
0 : OFF
Output stem forced to the position specified with “ForcedEXTND End.”
1 : ON
“Input as Target” setting is overridden.
Default: 0
ForcedRETR End
Set / Get Set Forced Position
Range: 0 to 10050
The targeted output stem position when “ForcedRetracting” is ON.
Default: 10000 (×0.01%)
ForcedEXTND End Set / Get Set Forced Position
Range: -50 to 10000
The targeted output stem position when “ForcedExtending” is ON.
Default: 0 (×0.01%)
Signal at RETR
Get
Full Open / Close Signal
0 : OFF
ON when the stem position is over “RETR SIG POSN” setting.
1 : ON
Signal at EXTND
Get
Full Open / Close Signal
0 : OFF
ON when the stem position is below “EXTND SIG POSN” setting.
1 : ON
RETR SIG POSN
Set / Get Set Full Open / Close Position
Range: 0 to 10050
“Signal at RETR” turns ON when the stem position is over this setting.
Default: 9800 (×0.01%)
EXTND SIG POSN Set / Get Set Full Open / Close Position
Range: -50 to 10000
“Signal at EXTND” turns ON when the stem position is below this setting. Default: 200 (×0.01%)
Error
Get
0 : Normal
One or more items among “Motor Deadlock,” “Illegal Input” and
1 : Error
“Memory Fault” are true.
Motor Deadlock
Get
Motor Deadlock Error
0 : Normal
The actuator stops power supply to the motor if the motor cannot be re-
1 : Error
started after it tries to for the number of preset “Retry” times in series.
Reset by “ClearDeadlockSIG.”
Illegal Input
Get
Illegal Target Position Input
0 : Normal
The target position set to a value out of the range from -50 to 10050.
1 : Error
Memory Fault
Get
Memory Fault
0 : Normal
The memory on the actuator control circuit board is in error.
1 : Error
The actuator operation is disabled.
ClearDeadlockSIG
Set
Clear Deadlock Signal
0 : Disabled
Reset “Motor Deadlock.” Return the signal to “0” after this operation,
1 : Clear
otherwise “Motor Deadlock” remains disabled and the actuator retries
Default: 0
to drive the motor until the cause of deadlock is removed.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com