Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2EU3N Datasheet(PDF) 2 Page - Schneider Electric

Part # GS2EU3N
Description  TeSys GS - switch-disconnector-fuse - 3 P - UL - 30 A- fuse size J
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GS2EU3N Datasheet(HTML) 2 Page - Schneider Electric

  GS2EU3N Datasheet HTML 1Page - Schneider Electric GS2EU3N Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mechanical durability
10000 cycles
Electrical durability
6000 cycles
Connections - terminals
Power circuit lugs-ring terminals 0.00…0.02 in² (2…13 mm²)
Tightening torque
Power circuit 58.41 lbf.in (6.6 N.m)
Environment
Standards
UL98
CSA C22.2 No 4
IP degree of protection
IP20 conforming to IEC 60529 (with terminal cover)
Ambient air temperature for operation
-4…158 °F (-20…70 °C)
Ambient air temperature for storage
-40…176 °F (-40…80 °C)
Fire resistance
1760 °F (960 °C) body
Height
5.35 in (136 mm)
Width
5.88 in (149.3 mm)
Depth
4.84 in (123 mm)
Ordering and shipping details
Category
22640 - IEC DISCONNECT-GS1,LK3
Discount Schedule
I11
GTIN
03606480618529
Nbr. of units in pkg.
1
Package weight(Lbs)
3.79 lb(US) (1.72 kg)
Returnability
Yes
Country of origin
TN
Packing Units
Package 1 Height
1.620 dm
Package 1 width
1.730 dm
Package 1 Length
1.800 dm
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Styrene, which is known to the
State of California to cause cancer. For more information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Compliant
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com