Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2RCW Datasheet(PDF) 2 Page - Mini-Circuits

Part # EP2RCW
Description  Power Splitter/Combiner
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

EP2RCW Datasheet(HTML) 2 Page - Mini-Circuits

  EP2RCW Datasheet HTML 1Page - Mini-Circuits EP2RCW Datasheet HTML 2Page - Mini-Circuits EP2RCW Datasheet HTML 3Page - Mini-Circuits EP2RCW Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
PowerSplitter/Combiner
MMIC Surface Mount
Features
• Wide bandwidth, DC to 8.0 GHz
• Excellent isolation, 21 dB typ. at 4 GHz
• Excellent amplitude unbalance, 0.1 dB typ. to 8 GHz
• Good phase unbalance, 1.0 deg. typ. at 4 GHz
• Small size, 5x5 mm
• Aqueous washable
• Patent pending
Applications
• WIMAX
• ISM
• Instrumentation
• Radar
• WLAN
• Satellite communications
• LTE
REV. A
ECO-001240
EP2RCW+
CM/RS/CP
191227
Electrical Specifications1 at 25°C
Maximum Ratings
Parameter
Ratings
Operating Temperature
-55°C to 105°C
Storage Temperature
-65°C to 150°C
Pad Connections
Function
Pad Number
RF IN
21
RF OUT 1
10
RF OUT 2
31
GROUND
9,11,20,22,30,32 & Paddle
NOT USED,
GROUND EXTERNALLY
1-8, 12-19, 23-29
Simplified Electrical Schematic
2 Way-0°
50Ω
DC to 8.0 GHz
EP2RCW+
Permanent damage may occur if any of these limits are exceeded.
1. Tested on Mini-Circuits Test Board TB-EP2RCW+
2. De-embedded from Test Board Loss.
3. As a combiner of non-coherent signals, max. power per port is 0.3 watt
CASE STYLE: DG1677-2
Generic photo used for illustration purposes only
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Parameter
Frequency (GHz)
Min.
Typ.
Max.
Unit
Frequency Range
DC
8.0
GHz
Insertion Loss2, above 3.0 dB
DC - 0.4
—
5.5
5.8
dB
0.4 - 0.7
—
5.5
5.9
0.7 - 7.5
—
4.8
6.1
7.5 - 8.0
—
4.3
4.9
Isolation
DC - 0.4
13
16.7
—
dB
0.4 - 0.7
15
19.5
—
0.7 - 7.5
17
23.0
—
7.5 - 8.0
17
22.0
—
Phase Unbalance
DC - 0.4
—
0.04
2
Degree
0.4 - 0.7
—
0.2
2
0.7 - 7.5
—
0.9
9
7.5 - 8.0
—
1.7
9
Amplitude Unbalance
DC - 0.4
—
0.01
0.3
dB
0.4 - 0.7
—
0.01
0.3
0.7 - 7.5
—
0.02
0.4
7.5 - 8.0
—
0.01
0.3
VSWR (Port S)
DC - 0.4
—
1.1
—
:1
0.4 - 0.7
—
1.1
—
0.7 - 7.5
—
1.5
—
7.5 - 8.0
—
1.3
—
VSWR (Port 1-2)
DC - 0.4
—
1.6
—
:1
0.4 - 0.7
—
1.8
—
0.7 - 7.5
—
1.7
—
7.5 - 8.0
—
1.1
—
Power Handling
As a splitter
DC - 8
—
—
0.6
W
As a combiner3
DC - 8
—
—
0.6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com