Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT-2-SMA Datasheet(PDF) 1 Page - Mini-Circuits

Part # HT-2-SMA
Description  SMA Wrench
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

HT-2-SMA Datasheet(HTML) 1 Page - Mini-Circuits

  HT-2-SMA Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Key Features
Product Overview
Outline Dimensions (
)
inch
mm
The HT-Series wrenches allow for convenient and easy connecting or disconnecting of SMA cable connectors in tight spaces, with
either a wrench or simply finger grip. The use of HT-Series accommodates most SMA cable width diameters.
• Ability to remove SMA connectors without removing the adjacent cables
• Small portable tool, fits in pocket
• Connect or disconnect SMA connectors in tight spaces
• Use in combination with torque wrench or just with fingers
• Protected by US Patent 9,027,447
Outline Drawing
CASE STYLE: MY-1E
How to use the wrench
1. The open box wrench head is slid onto the hex nut as shown in figure-1.
2. The knurled split knobs are rotated to tighten or un-tighten the SMA
cable nut by use of fingers. Alternatively, an open end wrench or a torque
wrench can be used as shown in figure-2.
HT-2-SMA
HT-4-SMA
Model No.
Case Style
Length
wt. grams
HT-2-SMA
MY-1E-004
2.50
13.2
63.50
HT-4-SMA
MY-1E-005
4.00
18.5
101.60
HT-8-SMA
MY-1E-008
8.00
34
203.2
HT-8-SMA
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 1
SMA Connectors
REV. D
M175951
HT-SERIES
BT/CP
190917
HT-SERIES
SMA Wrench
Slip over SMA
connector
Channel for Wrench Option
Maximum diameter of cable, 0.200 inches
Open enlarged channel slips over cable
Knurled split knobs for
easy tightening using fingers
Tight Spot


Similar Part No. - HT-2-SMA

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
HT-2-SMA MINI-HT-2-SMA Datasheet
255Kb / 1P
SMA Wrench
More results

Similar Description - HT-2-SMA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS3481-8 GLENAIR-MS3481-8 Datasheet
76Kb / 1P
Connector Wrench
TG47-8N GLENAIR-TG47-8N Datasheet
179Kb / 1P
Connector Wrench
TG38-8 GLENAIR-TG38-8 Datasheet
143Kb / 1P
Connector Wrench
TG90-09A GLENAIR-TG90-09A Datasheet
178Kb / 1P
Connector Wrench
logo
Mini-Circuits
HT-2-SMA MINI-HT-2-SMA Datasheet
255Kb / 1P
SMA Wrench
HT-4-SMA MINI-HT-4-SMA Datasheet
255Kb / 1P
SMA Wrench
logo
PHOENIX CONTACT
SHN-5.5 PHOENIX-SHN-5.5 Datasheet
45Kb / 2P
Socket wrench, wrench size 5.5 mm
SF-Z0027 PHOENIX-SF-Z0027 Datasheet
51Kb / 1P
Hook wrench
RF-Z0007 PHOENIX-RF-Z0007 Datasheet
49Kb / 1P
Special wrench
logo
Mini-Circuits
TRQ-516-08 MINI-TRQ-516-08 Datasheet
168Kb / 1P
Torque Wrench
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com