Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8774 Datasheet(PDF) 31 Page - Wolfson Microelectronics plc

Part # WM8774
Description  24 - bit, 192kHz 8 - Channel Input Stereo Codec
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8774 Datasheet(HTML) 31 Page - Wolfson Microelectronics plc

Back Button WM8774 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 35Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
Product Preview
WM8774
PP Rev 1.0 June 2002
31
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
DZCEN
0
DAC Digital Volume Zero Cross Enable:
0: Zero Cross detect disabled
1: Zero Cross detect enabled
1
ATC
0
Attenuator Control
0: All DACs use attenuations as programmed.
1: Right channel DACs use corresponding left DAC
attenuations
2
IZD
0
Infinite zero detection circuit control and automute control
0: Infinite zero detect automute disabled
1: Infinite zero detect automute enabled
3
TOD
0
DAC Analogue Zero cross detect timeout disable
0 : Timeout enabled
1: Timeout disabled
DAC Output Control
PL[3:0]
Left
Output
Right
Output
PL[3:0]
Left
Output
Right
Output
0000
Mute
Mute
1000
Mute
Right
0001
Left
Mute
1001
Left
Right
0010
Right
Mute
1010
Right
Right
0011
(L+R)/2
Mute
1011
(L+R)/2
Right
0100
Mute
Left
1100
Mute
(L+R)/2
0101
Left
Left
1101
Left
(L+R)/2
0110
Right
Left
1110
Right
(L+R)/2
10011
DAC Control
7:4
PL[3:0]
1001
0111
(L+R)/2
Left
1111
(L+R)/2
(L+R)/2
0
DMUTE
0
DAC channel soft mute enables:
0: mute disabled
1: mute enabled
10100
DAC Mute
5
RECEN
0
REC Output Enable
0 : REC output muted
1: REC output enabled
10101
DAC Control
3:0
DEEMP
0
De-emphasis mode select:
0 : Normal Mode
1: De-emphasis Mode
1:0
FMT[1:0]
10
Interface format select
00: right justified mode
01: left justified mode
10: I
2S mode
11: DSP mode
ADCLRC/DACLRC Polarity or DSP Early/Late mode select
10110
Interface
Control
2
LRP
0
Left Justified / Right Justified /
I
2S
0: Standard DACLRC Polarity
1: Inverted DACLRC Polarity
DSP Mode
0: Early DSP mode
1: Late DSP mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com