| Electronic Components Datasheet Search |
|
XRT72L52 Datasheet(PDF) 21 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT72L52 Datasheet(HTML) 21 Page - Exar Corporation |
|
21 / 480 page ![]() áç áç áç áç XRT72L52 TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER PRELIMINARY REV. P1.1.3 XIX RXE3 CONFIGURATION & STATUS REGISTER 2 (ADDRESS = 0X11) ........................................................ 447 RXE3 INTERRUPT ENABLE REGISTER - 2 (ADDRESS = 0X13) ................................................................. 447 RXE3 INTERRUPT STATUS REGISTER - 2 (ADDRESS = 0X15) ................................................................. 448 RXE3 INTERRUPT ENABLE REGISTER - 2 (ADDRESS = 0X13) ................................................................. 448 RXE3 INTERRUPT STATUS REGISTER - 2 (ADDRESS = 0X15) ................................................................. 448 RXE3 INTERRUPT ENABLE REGISTER - 2 (ADDRESS = 0X13) ................................................................. 449 RXE3 INTERRUPT STATUS REGISTER - 2 (ADDRESS = 0X15) ................................................................. 449 RXE3 CONFIGURATION & STATUS REGISTER 1 (ADDRESS = 0X10) ........................................................ 450 RXE3 INTERRUPT ENABLE REGISTER - 2 (ADDRESS = 0X13) ................................................................. 450 RXE3 INTERRUPT STATUS REGISTER - 2 (ADDRESS = 0X15) ................................................................. 450 RXE3 LAPD CONTROL REGISTER (ADDRESS = 0X18) ........................................................................... 451 RXE3 LAPD CONTROL REGISTER (ADDRESS = 0X18) ........................................................................... 451 7.0 diagnostic operation of the xrt72L52 framer ic .............................................................................. 452 Figure 213. Illustration of the Framer Local Loop-back path, within the XRT72L52 DS3/E3 Framer IC 452 8.0 High Speed HDLC Controller Mode of Operation ........................................................................... 454 8.1 CONFIGURING THE CHANNEL TO OPERATE IN THE HIGH SPEED HDLC CONTROLLER MODE ................................. 454 TABLE 93: ADDRESS LOCATIONS OF EACH OF THE HDLC CONTROL REGISTERS WITHIN THE XRT72L52 DE- VICE . .................................................................................................................................................... 454 HDLC CONTROL REGISTER (ADDRESS = 0X82) ..................................................................................... 454 8.2 OPERATING THE HIGH SPEED HDLC CONTROLLER ............................................................................................ 454 8.2.1 Operating the Transmit HDLC Controller Block .................................................................................... 455 TABLE 94: DESCRIPTION OF EACH OF THE TRANSMIT HDLC CONTROLLER PINS .................................... 456 Figure 214. A Simple Illustration of an Outbound HDLC Frame, as assembled by the Transmit HDLC Con- troller, when CRC-32 is selected. ........................................................................................................ 457 Figure 215. A Simple Illustration of an Outbound HDLC Frame, as assembled by the Transmit HDLC Con- troller, when CRC-16 is selected. ........................................................................................................ 458 8.2.2 Operating the Receive HDLC Controller Block ..................................................................................... 458 TABLE 95: DESCRIPTION OF EACH OF THE RECEIVE HDLC CONTROLLER PINS ...................................... 459 ORDERING INFORMATION ........................................................................................ 460 PACKAGE DIMENSIONS ............................................................................................ 460 REVISION HISTORY ................................................................................................................................ 461 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |