Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1FD3 Datasheet(PDF) 2 Page - Schneider Electric

Part # GS1FD3
Description  TeSys GS - switch-disconnector fuse - 3 P - 50 A - NFC 14 x 51 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GS1FD3 Datasheet(HTML) 2 Page - Schneider Electric

  GS1FD3 Datasheet HTML 1Page - Schneider Electric GS1FD3 Datasheet HTML 2Page - Schneider Electric GS1FD3 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
[Ui] rated insulation voltage
750 V AC 50/60 Hz
[Uimp] rated impulse withstand voltage
8 kV
Rated operational power in W
25 kW 400 V
33 kW 500 V
45 kW 690 V
Making capacity
500 A 400 V AC-23B
[Icm] rated short-circuit making
capacity
100 kA 400 V with protection by gG fuses
Breaking capacity
400 A 400 V AC-23B)
Short-circuit withstand
7.6 kA
Mechanical durability
10000 cycles
Electrical durability
1500 cycles AC-23A
1500 cycles AC-23B
300 cycles DC-23A
300 cycles DC-23B
Connections - terminals
Power circuit lugs-ring terminals 0.01…0.04 in² (6…25 mm²) flexible
Tightening torque
Power circuit 28.32 lbf.in (3.2 N.m) lugs-ring terminals
Environment
Standards
IEC 60947-3
Product certifications
CE
Protective treatment
TH
IP degree of protection
IP20 conforming to IEC 60529 (with terminal cover)
Ambient air temperature for operation
-4…158 °F (-20…70 °C)
Ambient air temperature for storage
-40…176 °F (-40…80 °C)
Fire resistance
1562 °F (850 °C) fuse cover IEC 60695-2-1
1760 °F (960 °C) body IEC 60695-2-1
Height
4.65 in (118 mm)
Width
4.65 in (118 mm)
Depth
3.43 in (87 mm)
Net Weight
1.76 lb(US) (0.8 kg)
Ordering and shipping details
Category
18402 - WORLD SERVICE PARTS(CONTROL ACCESS)
Discount Schedule
CP10
GTIN
03389110253887
Nbr. of units in pkg.
1
Package weight(Lbs)
32.77 oz (929 g)
Returnability
No
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
4.33 in (11 cm)
Package 1 width
5.00 in (12.7 cm)
Package 1 Length
7.01 in (17.8 cm)
Unit Type of Package 2
P06
Number of Units in Package 2
60
Package 2 Weight
151.55 lb(US) (68.74 kg)
Package 2 Height
31.50 in (80 cm)
Package 2 width
31.50 in (80 cm)
Package 2 Length
23.62 in (60 cm)
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com