Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3464R Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP3464R
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3464R Datasheet(HTML) 1 Page - Microchip Technology

  MCP3464R Datasheet HTML 1Page - Microchip Technology MCP3464R Datasheet HTML 2Page - Microchip Technology MCP3464R Datasheet HTML 3Page - Microchip Technology MCP3464R Datasheet HTML 4Page - Microchip Technology MCP3464R Datasheet HTML 5Page - Microchip Technology MCP3464R Datasheet HTML 6Page - Microchip Technology MCP3464R Datasheet HTML 7Page - Microchip Technology MCP3464R Datasheet HTML 8Page - Microchip Technology MCP3464R Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 118 page
background image
 2020-2021 Microchip Technology Inc.
DS20006404C-page 1
MCP3461/2/4R
Features
• One/Two/Four Differential or Two/Four/Eight
Single-Ended Input Channels
•16-Bit Resolution
• Programmable Data Rate: Up to 153.6 ksps
• Programmable Gain: 0.33x to 64x
• 97.2 dB SINAD, -116 dBc THD, 120 dBc SFDR
(Gain = 1x, 4800 SPS)
• Low-Temperature Drift:
- Offset error drift: 4/Gain nV/°C (AZ_MUX = 1)
- Gain error drift: 0.5 ppm/°C (Gain = 1x)
• Low Noise: 2.3 µVRMS (Gain = 16x, 9600 SPS)
• RMS Effective Resolution: 15.4 Bits Minimum (All
Gains, All OSR Combinations)
• Wide Input Voltage Range: 0V to AVDD
• Selectable Internal 2.4V Voltage Reference with
15 ppm/°C Drift
• Differential Voltage Reference Inputs
• Internal Oscillator or External Clock Selection
• Ultra-Low Full Shutdown Current Consumption
(< 2.4 µA)
• Internal Temperature Sensor
• Burnout Current Sources for Sensor Open/Short
Detection
• 16-Bit Digital Offset and Gain Error Calibration
Registers
• Internal Conversions Sequencer (Scan Mode) for
Automatic Multiplexing
• Dedicated IRQ Pin for Easy Synchronization
• Advanced Security Features:
- 16-bit CRC for secure SPI communications
- 16-bit CRC and IRQ for securing
configuration
- Register map lock with 8-bit secure key
- Monitor controls for system diagnostics
• 20 MHz SPI-Compatible Interface with Mode 0,0
and 1,1
•AVDD: 2.7V-3.6V
•DVDD: 1.8V-3.6V
• Extended Temperature Range: -40°C to +125°C
• Packages: 3 mm x 3 mm x 0.55 mm 20-Lead
UQFN and 6.5 mm x 4.4 mm x 1 mm 20-Lead
TSSOP
General Description
The MCP3461/2/4R devices are 2/4/8-channel, 16-bit,
Delta-Sigma Analog-to-Digital Converters (ADCs) with
programmable data rate of up to 153.6 ksps. They offer
integrated features, such as internal voltage reference,
internal oscillator, temperature sensor and burnout
sensor detection, in order to reduce system component
count and total solution cost.
The MCP3461/2/4R ADCs are fully configurable with
Oversampling Ratio (OSR) from 32 to 98304, and gain
from 1/3x to 64x. These devices include an internal
sequencer (Scan mode) with multiple monitor channels
and a 16-bit timer to be able to automatically create
conversion loop sequences without needing MCU
communications. Advanced security features, such as
CRC and register map lock, can ensure configuration
locking and integrity, as well as communication data
integrity for secure environments.
These devices come with a 20 MHz SPI-compatible
serial interface. Communication is largely simplified
with 8-bit commands, including various Continuous
Read/Write modes and 16/32-bit multiple data formats
that can be accessed by the Direct Memory Access
(DMA) of an 8-bit, 16-bit or 32-bit MCU.
The MCP3461/2/4R devices are available in a leaded
20-lead TSSOP package, as well as in an ultra-small,
3 mm x 3 mm x 0.55 mm 20-lead UQFN package and
are specified over an extended temperature range from
-40°C to +125°C.
Applications
• Precision Sensor Transducers and Transmitters:
Pressure, Strain, Flow and Force Measurement
• Factory Automation and Process Controls
• Portable Instrumentation
• Temperature Measurements
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise,
16-Bit Delta-Sigma ADCs with Internal Voltage Reference


Similar Part No. - MCP3464R

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3464 MICROCHIP-MCP3464 Datasheet
2Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
02/28/20
MCP3464 MICROCHIP-MCP3464 Datasheet
2Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
02/28/20
MCP3464T-E/NC MICROCHIP-MCP3464T-E/NC Datasheet
2Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
02/28/20
MCP3464T-E/NC MICROCHIP-MCP3464T-E/NC Datasheet
2Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
02/28/20
MCP3464T-E/ST MICROCHIP-MCP3464T-E/ST Datasheet
2Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
02/28/20
More results

Similar Description - MCP3464R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415 Datasheet
669Kb / 36P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 0; 1/04
MAX1415 MAXIM-MAX1415_05 Datasheet
574Kb / 36P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 1; 12/05
logo
Texas Instruments
ADS125H02 TI1-ADS125H02 Datasheet
1Mb / 75P
Wide-Input Range, 2-Channel, 40-kSPS, 24-Bit, Delta-Sigma ADCs With PGA and Voltage Reference
logo
Microchip Technology
MCP3565R MICROCHIP-MCP3565R Datasheet
3Mb / 108P
Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
02/28/20
MCP3561 MICROCHIP-MCP3561_V01 Datasheet
1Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
02/28/20
MCP3561 MICROCHIP-MCP3561 Datasheet
1Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
02/28/20
MCP3461 MICROCHIP-MCP3461_V01 Datasheet
2Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
02/28/20
MCP3461 MICROCHIP-MCP3461 Datasheet
2Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
02/28/20
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415_V01 Datasheet
1Mb / 35P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
2015
logo
Microchip Technology
MCP3465R MICROCHIP-MCP3465R Datasheet
3Mb / 110P
Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
Revision C April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com