Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3462R-E/ST Datasheet(PDF) 76 Page - Microchip Technology

Part # MCP3462R-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3462R-E/ST Datasheet(HTML) 76 Page - Microchip Technology

Back Button MCP3462R-E/ST Datasheet HTML 72Page - Microchip Technology MCP3462R-E/ST Datasheet HTML 73Page - Microchip Technology MCP3462R-E/ST Datasheet HTML 74Page - Microchip Technology MCP3462R-E/ST Datasheet HTML 75Page - Microchip Technology MCP3462R-E/ST Datasheet HTML 76Page - Microchip Technology MCP3462R-E/ST Datasheet HTML 77Page - Microchip Technology MCP3462R-E/ST Datasheet HTML 78Page - Microchip Technology MCP3462R-E/ST Datasheet HTML 79Page - Microchip Technology MCP3462R-E/ST Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 118 page
background image
MCP3461/2/4R
DS20006404C-page 76
 2020-2021 Microchip Technology Inc.
If the COMMAND byte defines a Static Read of the
ADCDATA register (address: 0x0), the ADC data will be
present on SDO and will be updated continuously at
each read. In this case, when a data ready interrupt
occurs within a read, the data are not corrupted and will
be updated to a new value after the old value has been
completely read.
The ADC register contains a double buffer that
prevents data from being corrupted while reading it.
The part is able to stream output data continuously with
no additional command if the communication is not
stopped with a CS rising edge. Figure 6-9 represents
the continuous streaming of incoming ADCDATA
through the SPI port with both SPI Modes 0,0 and 1,1.
FIGURE 6-9:
Continuous ADC Read (Data Streaming) with SPI Mode 0,0 and 1,1.
SPI Mode 0,0; ADC Data Format: 32-Bit
Don’t care
SCK
SDI
SDO
CS
DATA0<31>
Hi-Z
Device latches SDI on rising edge
Device latches SDO on falling edge
Don’t care
Don’t care
Hi-Z
Device latches SDI on rising edge
Device latches SDO on falling edge
R/W
Don’t care
SCK
SDI
SDO
CS
Don’t care
SCK
SDI
SDO
CS
IRQ
DATA1<31>
DATA0<31>
The falling edge after Read Start
clears the DR interrupt on IRQ pin
SDO changes synchronously with the IRQ
falling edge (DR interrupt flag)
only when MSB is present on SDO
DR Interrupt
(DATA1 is ready)
The falling edge after Read Start
clears the DR interrupt on IRQ pin
DATA0<0>
SPI Mode 1,1; ADC Data Format: 32-Bit
IRQ
Read Start
Read Start
Read Start
Read Start
DR Interrupt
(DATA1 is ready)
The falling edge after Read Start
clears the DR interrupt on IRQ pin
The falling edge after Read Start
clears the DR interrupt on IRQ pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com