Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3462T-E/ST Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP3462T-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3462T-E/ST Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP3462T-E/ST Datasheet HTML 20Page - Microchip Technology MCP3462T-E/ST Datasheet HTML 21Page - Microchip Technology MCP3462T-E/ST Datasheet HTML 22Page - Microchip Technology MCP3462T-E/ST Datasheet HTML 23Page - Microchip Technology MCP3462T-E/ST Datasheet HTML 24Page - Microchip Technology MCP3462T-E/ST Datasheet HTML 25Page - Microchip Technology MCP3462T-E/ST Datasheet HTML 26Page - Microchip Technology MCP3462T-E/ST Datasheet HTML 27Page - Microchip Technology MCP3462T-E/ST Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 108 page
background image
MCP3461/2/4
DS20006180D-page 24
 2019-2021 Microchip Technology Inc.
3.1
Differential Reference Voltage
Inputs: REFIN+, REFIN-
REFIN+ pin is the noninverting differential reference
input (VREF+).
REFIN- pin is the inverting differential reference input
(VREF-).
For single-ended reference applications, the REFIN-
pin should be directly connected to AGND.
The differential reference voltage pins must respect
this condition at all times: 0.6V ≤ VREF ≤ AVDD. The
differential reference voltage input is given by
Equation 3-1:
EQUATION 3-1:
For optimal ADC accuracy, appropriate bypass
capacitors should always be placed between REFIN+
and AGND. Using 0.1 µF and 10 µF ceramic capacitors
helps with decoupling the reference voltage around the
sampling frequency (which would lead to aliasing noise
in the base band). These bypass capacitors are not
mandatory for correct ADC operation, but removing
these capacitors may degrade accuracy of the ADC.
3.2
Analog Inputs (CHn): Differential
or Single-Ended
The CHn pins are the analog input signal pins for the
ADC. Two analog multiplexers are used to connect the
CHn pins to the VIN+/VIN- analog inputs of the ADC.
Each multiplexer independently selects one input to be
connected to an ADC input (VIN+ or VIN-). Each CHn
pin can either be connected to the VIN+ or VIN- inputs
of the ADC. This multiplexer selection is controlled by
either the MUX register in MUX mode or the SCAN
register in SCAN mode. See Figure 5-1 for more details
on the multiplexer structure.
When the input is selected by the multiplexer, the
differential (VIN) and Common-Mode Voltage (VINCOM)
at the ADC inputs are defined by Equation 3-2.
EQUATION 3-2:
The input signal level is multiplied by the internal
programmable analog gain at the front end of the

modulator. For single-ended input measurements, the
user can select VIN- to be internally connected to AGND.
The differential input voltage should not exceed an
absolute of ±VREF/GAIN for accurate measurement. If
the input is out of range, the converter output code will
be saturated or overloaded depending on how the
output data format (DATA_FORMAT[1:0]) is selected.
See Section 5.6 “ADC Output Data Format” for
further information on the ADC output coding.
The absolute voltage range on each of the analog
signal input pins is from AGND – 0.1V to VDD + 0.1V.
Any voltage above or below this range will cause leak-
age currents through the Electrostatic Discharge (ESD)
diodes at the input pins. This ESD current can cause
unexpected
performance
of
the
device.
The
Common-mode of the analog inputs should be chosen
such that both the differential analog input range and
the absolute voltage range on each pin are within the
specified operating range defined in the Electrical
Characteristics table.
3.3
SPI Serial Interface
Communication pins
The SPI interface is compatible with both SPI Mode 0,0
and 1,1.
3.3.1
CHIP SELECT (CS)
This is the SPI chip select pin that enables/disables the
SPI serial communication. The CS falling edge initiates
the serial communication and the rising edge
terminates the communication. No communication can
take place when this pin is in Logic High state. This
input is Schmitt Triggered.
3.3.2
SERIAL DATA CLOCK (SCK)
This is the serial clock input pin for SPI communication.
This input has Schmitt Trigger structure. The maximum
SPI clock speed is 20 MHz. Data are clocked into the
device on the rising edge of SCK. Data are clocked out
of the device on the falling edge of SCK. The device
interface is compatible with both SPI Mode 0,0 and 1,1.
SPI modes can be changed when CS is in Logic High
state.
SCK and MCLK are two different and asynchronous
clocks; SCK is only required when a communication
happens, while MCLK is continuously required when
the part is converting analog inputs.
3.3.3
SERIAL DATA OUTPUT PIN (SDO)
This pin is used for the SPI Data Output (SDO). The
SDO data are clocked out on the falling edge of SCK.
This pin stays high-impedance under the following
conditions:
• When CS pin is logic high.
• During the whole SPI write or Fast command
communication period, after the SPI COMMAND
byte has been transmitted.
• After the two device address bits in the command
have been transmitted if the device address in the
command is not matching an internal chip device
address.
VREF
VREF+ VREF-
–
=
VIN
VIN+ VIN-
–
=
VINCOM
VIN+ VIN-
+
2
----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com