Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4FMAF10 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # P4FMAF10
Description  SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

P4FMAF10 Datasheet(HTML) 2 Page - Rectron Semiconductor

  P4FMAF10 Datasheet HTML 1Page - Rectron Semiconductor P4FMAF10 Datasheet HTML 2Page - Rectron Semiconductor P4FMAF10 Datasheet HTML 3Page - Rectron Semiconductor P4FMAF10 Datasheet HTML 4Page - Rectron Semiconductor P4FMAF10 Datasheet HTML 5Page - Rectron Semiconductor P4FMAF10 Datasheet HTML 6Page - Rectron Semiconductor P4FMAF10 Datasheet HTML 7Page - Rectron Semiconductor P4FMAF10 Datasheet HTML 8Page - Rectron Semiconductor P4FMAF10 Datasheet HTML 9Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RECTRON
RATING AND CHARACTERISTIC CURVES ( P4FMAF6.8 THRU P4FMAF400CA )
FIG. 1 - PEAK PULSE POWER RATING CURVE
TP, PULSE WIDTH, sec
Non-Repetitive
Pulse Waveform
Shown in Fig.3
TA = 25
100
10
1.0
0.1
0.1uS
1.0uS
10uS
100uS
1.0mS
10mS
FIG. 2 - PULSE DERATING CURVE
TA, AMBIENT TEMPERATURE,(
)
025
50
75
100
125
150
175
200
100
75
50
25
0
Pulse Width (td) is Defined
as the Point Where the Peak
Current Decays to 50% of IPPM
10/1000usec. Waveform
as Defined by R.E.A.
Peak Value
IPPM
tr = 10usec.
FIG. 3 - PULSE WAVEFORM
t, TIME,mS
0
0
1.0
2.0
3.0
4.0
50
100
150
HALF VALUE -
IPPM
2
Measured at
Zero Bias
Measured at Devices
Stand off
Voltage,VWM
f = 1.0 MHz
Vsig = 50mVp-p
TJ = 25
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
V(BR), BREAKDOWN VOLTACE, VOLTS
1.0
10
100200
100000
10000
1000
100



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com